Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R10M-CT4E-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R10M-CT4E-R
Description  Plug-in Remote I/O R10 Series MODBUS I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R10M-CT4E-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R10M-CT4E-R Datasheet HTML 1Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 2Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 3Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 4Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 5Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 6Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R10M-CT4E
R10M-CT4E SPECIFICATIONS
ES-6247 Rev.0 Page 3/7
https://www.m-system.co.jp/
CONFIGURATOR SOFTWARE SETTING
The following parameters can be set with using PC Configurator Software (model: R10CFG)
Refer to the users manual for the R30CFG for detailed operation of the software program.
■ INPUT SETTING
Each channel can be set independently.
ITEM
SETTING RANGE
DEFAULT SETTING
Clamp-on Current Sensor
CLSE-R5 / CLSE-05 / CLSE-10 / CLSE-20 / CLSE-40 / CLSE-60
CLSE-R5
Zero Input
CLSE-R5: 0.000 - 5.000 (≤ full input)
0.000
CLSE-05: 0.00 - 50.00 (≤ full input)
CLSE-10: 0.00 - 100.00 (≤ full input)
CLSE-20: 0.00 - 200.00 (≤ full input)
CLSE-40: 0.00 - 400.00 (≤ full input)
CLSE-60: 0.00 - 600.00 (≤ full input)
Full Input
CLSE-R5: 0.000 - 5.000 (≥ zero input)
0.000
CLSE-05: 0.00 - 50.00 (≥ zero input)
CLSE-10: 0.00 - 100.00 (≥ zero input)
CLSE-20: 0.00 - 200.00 (≥ zero input)
CLSE-40: 0.00 - 400.00 (≥ zero input)
CLSE-60: 0.00 - 600.00 (≥ zero input)
Zero Fine Adjust
-320.00 - 320.00
0.00 (%)
Gain Zero Adjust
-3.2000 - 3.2000
1.0000
Zero Scaling
-32000 - 32000
0
Full Scaling
-32000 - 32000
10000
Cutout
0.0 - 5.0 (%)
1.0 (%)
■ MODBUS SETTING
ITEM
SETTING RANGE
DEFAULT SETTING
Data Mode
Modbus-RTU / Modbus-ASCII
Modbus-RTU
Address
1 - 247
1
Baud Rate
38400 / 19200 / 9600 / 4800 bps
38400 bps
Parity
None / Odd / Even
None
Communication timeout duration
0.1 - 3200.0 (sec.)
3.0 sec.
Depending on data mode and parity bit setting, data bit and stop bit are as following.
DATA MODE
PARITY BIT
DATA BIT
STOP BIT
Modbus-RTU
None
8
2
Odd or Even
8
1
Modbus-ASCII
None
7
2
Odd or Even
7
1
EXTERNAL VIEW
Specications (side)
Congurator Jack
Status Indicator LED



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com