Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R10M-CT4E-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R10M-CT4E-R
Description  Plug-in Remote I/O R10 Series MODBUS I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R10M-CT4E-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R10M-CT4E-R Datasheet HTML 1Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 2Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 3Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 4Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 5Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 6Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R10M-CT4E
R10M-CT4E SPECIFICATIONS
ES-6247 Rev.0 Page 2/7
https://www.m-system.co.jp/
MODBUS COMMUNICATION
RS-485
Standard: Conforms to TIA/EIA-485-A
Protocol: Modbus-RTU
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable
(CPEV-S 0.9 dia.)
Status indicator LED: RD, SD
Transmission setting: PC configurator software
INPUT SPECIFICATIONS
Input setting: PC configurator software
Clamp-on current sensor (CT1, CT2)
Input (sensor & range)
CLSE-R5: 0 – 5 A
CLSE-05: 0 – 50 A
CLSE-10: 0 – 100 A
CLSE-20: 0 – 200 A
CLSE-40: 0 – 400 A
CLSE-60: 0 – 600 A
Frequency: 50 / 60 Hz (45 - 65 Hz)
Operational range: 0 – 105 % of rating
Overload capacity
CLSE-R5: 10 A continuous
CLSE-05: 60 A continuous
CLSE-10: 120 A continuous
CLSE-20: 240 A continuous
CLSE-40: 480 A continuous
CLSE-60: 720 A continuous
Be sure that the input voltage is of 480 V or less.
INSTALLATION
Current consumption: ≤90 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -10 to +55°C (14 to +131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R10BS)
Weight: 120 g (0.26 lb) except base
PERFORMANCE
Conversion accuracy: ±1 % except the sensor accuracy
Conversion rate: 14 ms
Data range
CLSE-R5: Integer that engineering unit value (A) multiplied
by 1000
CLSE-05, CLSE-10, CLSE-20: Integer that engineering unit
value (A) multiplied by 100
CLSE-40, CLSE-60: Integer that engineering unit value (A)
multiplied by 10
(Scaling of converted data is configurable with the
configurator software)
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Response time: ≤ 2 sec. (0 – 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input to Modbus
to power input to FE1)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com