Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R10M-CT4E-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R10M-CT4E-R
Description  Plug-in Remote I/O R10 Series MODBUS I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R10M-CT4E-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R10M-CT4E-R Datasheet HTML 1Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 2Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 3Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 4Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 5Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 6Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: R10M-CT4E
R10M-CT4E SPECIFICATIONS
ES-6247 Rev.0 Page 4/7
https://www.m-system.co.jp/
MODBUS WIRING CONNECTION
DA
DB
DG
HOST PC
DA
DB
DG
SLD
FE
MODBUS
I/O
MODULE
DA
DB
DG
SLD
FE
TERMINATOR
TERMINATOR
Note: The terminator must be connected across “DA” and “DB” at both ends of communication line.
■ WIRING COMMUNICATION WITH HOST PC
MODBUS
I/O
MODULE
TERMINAL ASSIGNMENTS
■ BASE
1
K1
6
L1
2
K2
3
K3
4
K4
5
NC
7
L2
8
L3
9
L4
10
NC
11
FE
16
SLD
12
DB
13
DA
14
NC
15
FE1
17
DG
18
NC
19
24V
20
0V
PIN NO.
ID
FUNCTION
PIN NO.
ID
FUNCTION
1
K1
Input 1-K
11
FE
Modbus grounding
2
K2
Input 2-K
12
DB
DB
3
K3
Input 3-K
13
DA
DA
4
K4
Input 4-K
14
NC
Unused
5
NC
Unused
15
FE1
Power grounding
6
L1
Input 1-L
16
SLD
Shield
7
L2
Input 2-L
17
DG
DG
8
L3
Input 3-L
18
NC
Unused
9
L4
Input 4-L
19
24V
Power supply 24V DC
10
NC
Unused
20
0V
Power supply 0V DC
* Base does not come with the unit. Please order separately.
MODBUS FUNCTION CODES & SUPPORTED CODES
Modbus function codes are shown below
■ DATA AND CONTROL FUNCTIONS
CODE
NAME
02
Read Input Status
Status of digital inputs to the slave (read only)
04
Read Input Registers
Collected data from the fi eld by the slave (read only)
■ EXCEPTION CODES
CODE
NAME
01
Illegal Function
Function code is not allowable for the slave
02
Illegal Data Address
Address is not available within the slave
03
Illegal Data Value
Data is not valid for the function



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com