Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R10M-CT4E-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R10M-CT4E-R
Description  Plug-in Remote I/O R10 Series MODBUS I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R10M-CT4E-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R10M-CT4E-R Datasheet HTML 1Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 2Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 3Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 4Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 5Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 6Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: R10M-CT4E
R10M-CT4E SPECIFICATIONS
ES-6247 Rev.0 Page 1/7
https://www.m-system.co.jp/
Plug-in Remote I/O R10 Series
MODBUS I/O MODULE
(4 points, RMS sensing, clamp-on current sensor input)
Functions & Features
• Plug-in construction
• Modbus-RTU protocol communication
• Easy-to-install clamp-on type current sensor without
needing a current transformer
• Wide input range from 5 A up to 600 A
• High-density mounting
36
[1.42]
99
[3.90]
125
[4.92]
mm [inch]
Note: The gure shows the combination
of the unit and the base.
MODEL: R10M-CT4E-R[1]
ORDERING INFORMATION
• Code number: R10M-CT4E-R[1]
Specify a code from below for [1].
(e.g. R10M-CT4E-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
I/O TYPE
CT4E: Clamp-on current sensor CLSE use 4 points
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Installation base (model: R10-BS)
• PC configurator software (model: R10CFG)
The configurator software is downloadable at M-System’s
web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
• Clamp-on current sensor (model: CLSE)
The clamp-on current sensors, not included in this product
package, must be ordered separately. Required number
depends upon the system configuration.
PACKAGE INCLUDES...
• Terminating resistor 110Ω (0.25W)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
• Connected to base with connector
• Base
M2.6 screw terminals (torque: 0.5 N·m)
Applicable solderless terminal size (M3)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to Modbus to power input to FE1
Input waveform
RMS sensing: Up to 15 % of 3rd harmonic content
Status indicators: Power, Run, Error
Configuration: Select sensors for 4 points (CT1, CT2, CT3,
CT4) each with PC Configurator Software (model: R10CFG)
■Recommended solderless terminal size - M3 (unit: mm)
3max
4min
3.2 dia.
(mm)


Similar Part No. - R10M-CT4E-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R10M-US2 MSYSTEM-R10M-US2 Datasheet
401Kb / 8P
Plug-in Remote I/O R10 Series MODBUS I/O MODULE
R10M-US2-R MSYSTEM-R10M-US2-R Datasheet
401Kb / 8P
Plug-in Remote I/O R10 Series MODBUS I/O MODULE
R10M-US2-R/Q MSYSTEM-R10M-US2-R/Q Datasheet
401Kb / 8P
Plug-in Remote I/O R10 Series MODBUS I/O MODULE
More results

Similar Description - R10M-CT4E-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6N-M1 MSYSTEM-R6N-M1 Datasheet
222Kb / 7P
Remote I/O R6 Series MODBUS INTERFACE MODULE
R6N-M2 MSYSTEM-R6N-M2 Datasheet
231Kb / 7P
Remote I/O R6 Series MODBUS INTERFACE MODULE
R10B-S1 MSYSTEM-R10B-S1 Datasheet
205Kb / 3P
Plug-in Remote I/O R10 Series
R10M-US2 MSYSTEM-R10M-US2 Datasheet
401Kb / 8P
Plug-in Remote I/O R10 Series MODBUS I/O MODULE
R3-GM1 MSYSTEM-R3-GM1 Datasheet
204Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NMW1F MSYSTEM-R3-NMW1F Datasheet
570Kb / 12P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM4 MSYSTEM-R3-NM4 Datasheet
220Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM3 MSYSTEM-R3-NM3 Datasheet
221Kb / 7P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1 MSYSTEM-R3-NM1 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R7M MSYSTEM-R7M Datasheet
1Mb / 39P
Remote I/O R7 Series MODBUS I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com