Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R10M-CT4E-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R10M-CT4E-R
Description  Plug-in Remote I/O R10 Series MODBUS I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R10M-CT4E-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R10M-CT4E-R Datasheet HTML 1Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 2Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 3Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 4Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 5Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 6Page - M-System Co.,Ltd. R10M-CT4E-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: R10M-CT4E
R10M-CT4E SPECIFICATIONS
ES-6247 Rev.0 Page 5/7
https://www.m-system.co.jp/
MODBUS I/O ASSIGNMENT
ADDRESS
DATA TYPE
DATA
Input (0X)
1
Analog input 1 error (input range error)
2
Analog input 2 error (input range error)
3
Analog input 3 error (input range error)
4
Analog input 4 error (input range error)
Input Register (3X)
1
I
Analog Input (analog input 1)
2
I
Analog Input (analog input 2)
3
I
Analog Input (analog input 3)
4
I
Analog Input (analog input 4)
Note: DO NOT access addresses other than the ones mentioned above. Such access may cause problems such as malfunction.
■ DATA TYPE
I: Integer, 0 - 65535
■ STATUS
1 bit: indicates input status.
input range error ( (Input range is out of the range)
0: Normal
1: Error
DATA CONVERSION
■ ENGINEERING UNIT CONVERSION
0
15
Data error status is indicated by 1 bit.
0: OFF
1: ON
CLSE-R5 is multipled by 1000, CLSE-10 and CLSE-20 is multipled 100, CLSE-40 and CLSE-60 is multipled by 10, expressed in 16 bits
(0 - 65535).
■ SCALED ANALOG DATA (16-bit) CONVERSION
The data is 0 to 10000 for scaling 0 to 100% setting.
If the input range is 0 to +105% (0 to +10500) and that is out of range, the data is fixed to 0 or 10500.
■ DATA ERROR STATUS
EXTERNAL DIMENSIONS unit: mm [inch]
DIN rail
(35mm wide)
• When mounting, no extra space is needed between units.
36 [1.42]
80 [3.15]
45 [1.77]
[4 [.16]]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com