Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755EC Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 28Page - NXP Semiconductors MPC755EC Datasheet HTML 29Page - NXP Semiconductors MPC755EC Datasheet HTML 30Page - NXP Semiconductors MPC755EC Datasheet HTML 31Page - NXP Semiconductors MPC755EC Datasheet HTML 32Page - NXP Semiconductors MPC755EC Datasheet HTML 33Page - NXP Semiconductors MPC755EC Datasheet HTML 34Page - NXP Semiconductors MPC755EC Datasheet HTML 35Page - NXP Semiconductors MPC755EC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
32
Freescale Semiconductor
Package Description
7
Package Description
The following sections provide the package parameters and mechanical dimensions for the MPC745, 255
PBGA package, as well as the MPC755, 360 CBGA and PBGA packages. While both the MPC755 plastic
and ceramic packages are described here, both packages are not guaranteed to be available at the same
time. All new designs should allow for either ceramic or plastic BGA packages for this device. For more
information on designing a common footprint for both plastic and ceramic package types, see the
Freescale Flip-Chip Plastic Ball Grid Array Presentation. The MPC755 was initially sampled in a CBGA
package, but production units are currently provided in both a CBGA and a PBGA package. Because of
the better long-term device-to-board interconnect reliability of the PBGA package, Freescale recommends
use of a PBGA package except where circumstances dictate use of a CBGA package.
VOLTDET
K13
High
Output
L2OVDD
8
Notes:
1. OVDD supplies power to the processor bus, JTAG, and all control signals except the L2 cache controls (L2CE, L2WE, and
L2ZZ); L2OVDD supplies power to the L2 cache interface (L2ADDR[0:16], L2DATA[0:63], L2DP[0:7], and L2SYNC_OUT) and
the L2 control signals; and VDD supplies power to the processor core and the PLL and DLL (after filtering to become AVDD
and L2AVDD, respectively). These columns serve as a reference for the nominal voltage supported on a given signal as
selected by the BVSEL/L2VSEL pin configurations of Table 2 and the voltage supplied. For actual recommended value of Vin
or supply voltages, see Table 3.
2. These are test signals for factory use only and must be pulled up to OVDD for normal machine operation.
3. This pin must be pulled up to OVDD for proper operation of the processor interface. To allow for future I/O voltage changes,
provide the option to connect BVSEL independently to either OVDD or GND.
4. These pins are reserved for potential future use as additional L2 address pins.
5. Uses one of nine existing no connects in the MPC750, 360 BGA package.
6. Internal pull-up on die.
7. This pin must be pulled up to L2OVDD for proper operation of the processor interface. To allow for future I/O voltage changes,
provide the option to connect L2VSEL independently to either L2OVDD or GND.
8. Internally tied to L2OVDD in the MPC755, 360 BGA package to indicate the power present at the L2 cache interface. This
signal is not a power supply input.
Caution: This differs from the MPC745, 255 BGA package.
Table 15. Pinout Listing for the MPC755, 360 BGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Voltage 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com