Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755EC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 6Page - NXP Semiconductors MPC755EC Datasheet HTML 7Page - NXP Semiconductors MPC755EC Datasheet HTML 8Page - NXP Semiconductors MPC755EC Datasheet HTML 9Page - NXP Semiconductors MPC755EC Datasheet HTML 10Page - NXP Semiconductors MPC755EC Datasheet HTML 11Page - NXP Semiconductors MPC755EC Datasheet HTML 12Page - NXP Semiconductors MPC755EC Datasheet HTML 13Page - NXP Semiconductors MPC755EC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
10
Freescale Semiconductor
Electrical and Thermal Characteristics
Table 6 provides the DC electrical characteristics for the MPC755.
Table 5. Thermal Sensor Specifications
At recommended operating conditions (see Table 3)
Characteristic
Min
Max
Unit
Notes
Temperature range
0
127
°C
1
Comparator settling time
20
—
µs
2, 3
Resolution
4
—
°C
3
Accuracy
–12
+12
°C
3
Notes:
1. The temperature is the junction temperature of the die. The thermal assist unit’s raw output does not indicate an absolute
temperature, but must be interpreted by software to derive the absolute junction temperature. For information about the use
and calibration of the TAU, see Freescale Application Note AN1800/D, Programming the Thermal Assist Unit in the MPC750
Microprocessor.
2. The comparator settling time value must be converted into the number of CPU clocks that need to be written into the THRM3
SPR.
3. Guaranteed by design and characterization.
Table 6. DC Electrical Specifications
At recommended operating conditions (see Table 3)
Characteristic
Nominal
Bus
Voltage 1
Symbol
Min
Max
Unit
Notes
Input high voltage (all inputs except SYSCLK)
2.5
VIH
1.6
(L2)OVDD + 0.3
V
2, 3
3.3
VIH
2.0
(L2)OVDD + 0.3
V
2, 3
Input low voltage (all inputs except SYSCLK)
2.5
VIL
–0.3
0.6
V
2
3.3
VIL
–0.3
0.8
V
SYSCLK input high voltage
2.5
KVIH
1.8
OVDD + 0.3
V
3.3
KVIH
2.4
OVDD + 0.3
V
SYSCLK input low voltage
2.5
KVIL
–0.3
0.4
V
3.3
KVIL
–0.3
0.4
V
Input leakage current,
Vin = L2OVDD/OVDD
Iin
—10
µA
2, 3
High-Z (off-state) leakage current,
Vin = L2OVDD/OVDD
ITSI
—
10
µA
2, 3, 5
Output high voltage, IOH = –6 mA
2.5
VOH
1.7
—
V
3.3
VOH
2.4
—
V
Output low voltage, IOL = 6 mA
2.5
VOL
—0.45
V
3.3
VOL
—0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com