Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755EC Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 44Page - NXP Semiconductors MPC755EC Datasheet HTML 45Page - NXP Semiconductors MPC755EC Datasheet HTML 46Page - NXP Semiconductors MPC755EC Datasheet HTML 47Page - NXP Semiconductors MPC755EC Datasheet HTML 48Page - NXP Semiconductors MPC755EC Datasheet HTML 49Page - NXP Semiconductors MPC755EC Datasheet HTML 50Page - NXP Semiconductors MPC755EC Datasheet HTML 51Page - NXP Semiconductors MPC755EC Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
48
Freescale Semiconductor
System Design Information
Shin-Etsu MicroSi, Inc.
888-642-7674
10028 S. 51st St.
Phoenix, AZ 85044
Internet: www.microsi.com
Thermagon Inc.
888-246-9050
4707 Detroit Ave.
Cleveland, OH 44102
Internet: www.thermagon.com
8.8.3
Heat Sink Selection Example
This section provides a heat sink selection example using one of the commercially-available heat sinks.
For preliminary heat sink sizing, the die-junction temperature can be expressed as follows:
Tj = Ta + Tr + (θjc + θint + θsa) × Pd
where:
Tj is the die-junction temperature
Ta is the inlet cabinet ambient temperature
Tr is the air temperature rise within the computer cabinet
θ
jc is the junction-to-case thermal resistance
θ
int is the adhesive or interface material thermal resistance
θ
sa is the heat sink base-to-ambient thermal resistance
Pd is the power dissipated by the device
During operation the die-junction temperatures (Tj) should be maintained less than the value specified in
Table 3. The temperature of air cooling the component greatly depends on the ambient inlet air temperature
and the air temperature rise within the electronic cabinet. An electronic cabinet inlet-air temperature (Ta)
may range from 30° to 40°C. The air temperature rise within a cabinet (Tr) may be in the range of 5° to
10°C. The thermal resistance of the thermal interface material (
θ
int) is typically about 1°C/W. Assuming
a Ta of 30°C, a Tr of 5°C, a CBGA package Rθjc < 0.1, and a power consumption (Pd) of 5.0 W, the
following expression for Tj is obtained:
Die-junction temperature:
Tj = 30°C + 5°C + (0.1°C/W + 1.0°C/W + θsa) × 5.0 W
For a Thermalloy heat sink #2328B, the heat sink-to-ambient thermal resistance (
θ
sa) versus airflow
velocity is shown in Figure 28.
Assuming an air velocity of 0.5 m/s, we have an effective Rsa of 7°C/W, thus
Tj = 30°C + 5°C + (0.1°C/W + 1.0°C/W + 7°C/W) × 5.0 W,
resulting in a die-junction temperature of approximately 76°C which is well within the maximum
operating temperature of the component.
Other heat sinks offered by Aavid Thermalloy, Alpha Novatech, The Bergquist Company, IERC, Chip
Coolers, and Wakefield Engineering offer different heat sink-to-ambient thermal resistances, and may or
may not need airflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com