Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755EC Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 40Page - NXP Semiconductors MPC755EC Datasheet HTML 41Page - NXP Semiconductors MPC755EC Datasheet HTML 42Page - NXP Semiconductors MPC755EC Datasheet HTML 43Page - NXP Semiconductors MPC755EC Datasheet HTML 44Page - NXP Semiconductors MPC755EC Datasheet HTML 45Page - NXP Semiconductors MPC755EC Datasheet HTML 46Page - NXP Semiconductors MPC755EC Datasheet HTML 47Page - NXP Semiconductors MPC755EC Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
44
Freescale Semiconductor
System Design Information
There is no standardized way to number the COP header shown in Figure 24; consequently, many different
pin numbers have been observed from emulator vendors. Some are numbered top-to-bottom then
left-to-right, while others use left-to-right then top-to-bottom, while still others number the pins counter
clockwise from pin 1 (as with an IC). Regardless of the numbering, the signal placement recommended in
Figure 25 is common to all known emulators.
The QACK signal shown in Figure 24 is usually connected to the PCI bridge chip in a system and is an
input to the MPC755 informing it that it can go into the quiescent state. Under normal operation this occurs
during a low-power mode selection. In order for COP to work, the MPC755 must see this signal asserted
(pulled down). While shown on the COP header, not all emulator products drive this signal. If the product
does not, a pull-down resistor can be populated to assert this signal. Additionally, some emulator products
implement open-drain type outputs and can only drive QACK asserted; for these tools, a pull-up resistor
can be implemented to ensure this signal is deasserted when it is not being driven by the tool. Note that the
pull-up and pull-down resistors on the QACK signal are mutually exclusive and it is never necessary to
populate both in a system. To preserve correct power-down operation, QACK should be merged via logic
so that it also can be driven by the PCI bridge.
8.8
Thermal Management Information
This section provides thermal management information for air-cooled applications. Proper thermal control
design is primarily dependent on the system-level design—the heat sink, airflow, and thermal interface
material. To reduce the die-junction temperature, heat sinks may be attached to the package by several
methods—adhesive, spring clip to holes in the printed-circuit board or package, and mounting clip and
screw assembly; see Figure 25. This spring force should not exceed 5.5 pounds (2.5 kg) of force.
Figure 25 describes the package exploded cross-sectional view with several heat sink options.
Figure 25. Package Exploded Cross-Sectional View with Several Heat Sink Options
Adhesive or
Thermal Interface Material
Heat Sink
CBGA Package
Heat Sink
Clip
Printed-Circuit Board
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com