Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755EC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 5Page - NXP Semiconductors MPC755EC Datasheet HTML 6Page - NXP Semiconductors MPC755EC Datasheet HTML 7Page - NXP Semiconductors MPC755EC Datasheet HTML 8Page - NXP Semiconductors MPC755EC Datasheet HTML 9Page - NXP Semiconductors MPC755EC Datasheet HTML 10Page - NXP Semiconductors MPC755EC Datasheet HTML 11Page - NXP Semiconductors MPC755EC Datasheet HTML 12Page - NXP Semiconductors MPC755EC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
9
Electrical and Thermal Characteristics
The MPC755 incorporates a thermal management assist unit (TAU) composed of a thermal sensor,
digital-to-analog converter, comparator, control logic, and dedicated special-purpose registers (SPRs). See
the MPC750 RISC Microprocessor Family User’s Manual for more information on the use of this feature.
Specifications for the thermal sensor portion of the TAU are found in Table 5.
Table 4. Package Thermal Characteristics 6
Characteristic
Symbol
Value
Unit
Notes
MPC755
CBGA
MPC755
PBGA
MPC745
PBGA
Junction-to-ambient thermal resistance, natural
convection
RθJA
24
31
34
°C/W
1, 2
Junction-to-ambient thermal resistance, natural
convection, four-layer (2s2p) board
RθJMA
17
25
26
°C/W
1, 3
Junction-to-ambient thermal resistance, 200 ft/min
airflow, single-layer (1s) board
RθJMA
18
25
27
°C/W
1, 3
Junction-to-ambient thermal resistance, 200 ft/min
airflow, four-layer (2s2p) board
RθJMA
14
21
22
°C/W
1, 3
Junction-to-board thermal resistance
RθJB
817
17
°C/W
4
Junction-to-case thermal resistance
RθJC
<0.1
<0.1
<0.1
°C/W
5
Notes:
1. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2. Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3. Per JEDEC JESD51-6 with the board horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1) with the calculated case temperature. The actual value of RθJC for the part is less than 0.1°C/W.
6. Refer to Section 8.8, “Thermal Management Information,” for more details about thermal management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com