Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7111 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC7111
Description  1.8V to 11V, 15 關A, 25 kHz GBW, Rail-to-Rail Input and Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7111 Datasheet(HTML) 3 Page - Microchip Technology

  MIC7111 Datasheet HTML 1Page - Microchip Technology MIC7111 Datasheet HTML 2Page - Microchip Technology MIC7111 Datasheet HTML 3Page - Microchip Technology MIC7111 Datasheet HTML 4Page - Microchip Technology MIC7111 Datasheet HTML 5Page - Microchip Technology MIC7111 Datasheet HTML 6Page - Microchip Technology MIC7111 Datasheet HTML 7Page - Microchip Technology MIC7111 Datasheet HTML 8Page - Microchip Technology MIC7111 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2020 Microchip Technology Inc.
DS20006316A-page 3
MIC7111
Output Voltage Swing
VOUT
—
0.14
1
mV
Output HIGH, RL = 100 kΩ,
Specified as VV+ – VOUT
—
—
1
Output HIGH, RL = 100 kΩ,
Specified as VV+ – VOUT
–40°C ≤ TJ ≤ +85°C
—
0.14
1
Output LOW, RL = 100 kΩ
—
—
1
Output LOW, RL = 100 kΩ
–40°C ≤ TJ ≤ +85°C
—
6.8
23
Output HIGH, RL = 2 kΩ,
Specified as VV+ – VOUT
—
—
34
Output HIGH, RL = 2 kΩ,
Specified as VV+ – VOUT
–40°C ≤ TJ ≤ +85°C
—
6.8
23
Output LOW, RL = 2 kΩ
—
—
34
Output LOW, RL = 2 kΩ
–40°C ≤ TJ ≤ +85°C
Output Short-Circuit
Current (Note 1)
ISC
15
25
—
mA
Sourcing, VOUT = 0V
15
25
—
Sinking, VOUT = 1.8V
Voltage Gain
AVOL
—
400
—
V/mV
Sourcing
—
400
—
Sinking
Supply Current
IS
—
15
35
μA
VV+ = 1.8V, VOUT = VV+/2
Note 1: Short circuit may cause device to exceed maximum allowable power dissipation.
AC ELECTRICAL CHARACTERISTICS (1.8V)
Electrical Characteristics: Unless otherwise indicated, VV+ = +1.8V; VV– = 0V; VCM = VOUT = VV+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Slew Rate
SR
—
0.015
—
V/μs
Voltage follower, 1V step, RL
= 100 kΩ at 0.9V,
VOUT = 1VPP
Gain Bandwidth Product
GBWP
—
25
—
kHz
—
DC ELECTRICAL CHARACTERISTICS (2.7V)
Electrical Characteristics: Unless otherwise indicated, VV+ = +2.7V; VV– = 0V; VCM = VOUT = VV+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
—
0.9
7
mV
—
—
—
9
mV
–40°C ≤ TJ ≤ +85°C
Input Offset Voltage
Temperature Drift
TCVOS
—
2.0
—
μV/
C —
Note 1: Short circuit may cause device to exceed maximum allowable power dissipation.
DC ELECTRICAL CHARACTERISTICS (1.8V) (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VV+ = +1.8V; VV– = 0V; VCM = VOUT = VV+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com