Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7111 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC7111
Description  1.8V to 11V, 15 關A, 25 kHz GBW, Rail-to-Rail Input and Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7111 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC7111 Datasheet HTML 3Page - Microchip Technology MIC7111 Datasheet HTML 4Page - Microchip Technology MIC7111 Datasheet HTML 5Page - Microchip Technology MIC7111 Datasheet HTML 6Page - Microchip Technology MIC7111 Datasheet HTML 7Page - Microchip Technology MIC7111 Datasheet HTML 8Page - Microchip Technology MIC7111 Datasheet HTML 9Page - Microchip Technology MIC7111 Datasheet HTML 10Page - Microchip Technology MIC7111 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2020 Microchip Technology Inc.
DS20006316A-page 7
MIC7111
Output Voltage Swing
VOUT
—
0.45
2.5
mV
Output HIGH, RL = 100 kΩ,
Specified as VV+ – VOUT
—
—
2.5
Output HIGH, RL = 100 kΩ,
Specified as VV+ – VOUT
–40°C ≤ TJ ≤ +85°C
—
0.45
2.5
Output LOW, RL = 100 kΩ
—
—
2.5
Output LOW, RL = 100 kΩ
–40°C ≤ TJ ≤ +85°C
—
24
80
Output HIGH, RL = 2 kΩ,
Specified as VV+ –VOUT
—
—
120
Output HIGH, RL = 2 kΩ,
Specified as VV+ –VOUT
–40°C ≤ TJ ≤ +85°C
—
24
80
Output LOW, RL = 2 kΩ
—
—
120
Output LOW, RL = 2 kΩ
–40°C ≤ TJ ≤ +85°C
Output Short-Circuit
Current (Note 1)
ISC
100
200
—
mA
Sourcing, VOUT = 0V
100
200
—
Sinking, VOUT = 10V
Voltage Gain
AVOL
—
500
—
V/mV
Sourcing
—
500
—
Sinking
Supply Current
IS
—
25
65
μA
VV+ = 10V, VOUT = VV+/2
Note 1: Short circuit may cause device to exceed maximum allowable power dissipation.
AC ELECTRICAL CHARACTERISTICS (10.0V)
Electrical Characteristics: Unless otherwise indicated, VV+ = +10.0V; VV– = 0V; VCM = VOUT = VV+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Slew Rate
SR
—
0.02
—
V/μs
Voltage follower, 1V step,
RL = 100 kΩ @ 1.35V,
VOUT = 1VPP
Gain Bandwidth Product
GBWP
—
25
—
kHz
—
Phase Margin
ϕM
—
50
—
°
—
Gain Margin
GM
—
15
—
dB
—
Input-Referred Voltage
Noise
eN
—
110
—
nV/√Hz f = 1 kHz, VCM = 1.0V
Input-Referred Current
Noise
iN
—
0.03
—
pA/√Hz f = 1 kHz
DC ELECTRICAL CHARACTERISTICS (10.0V) (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VV+ = +10.0V; VV– = 0V; VCM = VOUT = VV+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com