Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7111 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC7111
Description  1.8V to 11V, 15 關A, 25 kHz GBW, Rail-to-Rail Input and Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7111 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC7111 Datasheet HTML 7Page - Microchip Technology MIC7111 Datasheet HTML 8Page - Microchip Technology MIC7111 Datasheet HTML 9Page - Microchip Technology MIC7111 Datasheet HTML 10Page - Microchip Technology MIC7111 Datasheet HTML 11Page - Microchip Technology MIC7111 Datasheet HTML 12Page - Microchip Technology MIC7111 Datasheet HTML 13Page - Microchip Technology MIC7111 Datasheet HTML 14Page - Microchip Technology MIC7111 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
R1
10
MIC7111
1
2
3
4
5
V+
1.8V TO 10V
0V TO
V+
A
V
V
OUT
0V TO V+
V
IN
R2
91
 2020 Microchip Technology Inc.
DS20006316A-page 11
MIC7111
FIGURE 3-3:
Noninverting Amplifier.
V+
V
IN (V)
0
A
V = 1 +
R2
R1
0
FIGURE 3-4:
Noninverting Amplifier
Behavior.
MIC7111
1
2
3
4
5
V
OUT = VIN
V+
1.8V TO 10V
V
OUT
0V TO V+
V
IN
0V TO V+
FIGURE 3-5:
Voltage Follower/Buffer.
R
S
10
½W
MIC7111
1
2
3
4
5
I
OUT
Q1
2N3904
V
CEO = 40V
I
C(MAX) = 200mA
V+
1.8V TO 10V
CHANGE Q1 AND R
S
FOR HIGHER CURRENT
AND/OR DIFFERENT GAIN
I
OUT =
V
IN
R
S
= 100mA/V AS SHOWN
V
S
0.5V TO Q1 V
CEO(SUS)
V
IN
0V TO 2V
V
OUT
0V TO V+
{
FIGURE 3-6:
Voltage-Controlled Current
Sink.
R4
R2
MIC7111
1
2
3
4
5
V+
R3
C1
0.001μF
R4
V
OUT
V+
0V
V+
FIGURE 3-7:
Square Wave Oscillator.
C
IN
R1
R2
V+
MIC7111
1
2
3
4
5
V+
R3
C1
1μF
R4
C
OUT
V
OUT
R
L
0V
A
V = –
R2
R1
=
= –10
FIGURE 3-8:
AC-Coupled Inverting
Amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com