Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7111 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC7111
Description  1.8V to 11V, 15 關A, 25 kHz GBW, Rail-to-Rail Input and Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7111 Datasheet(HTML) 1 Page - Microchip Technology

  MIC7111 Datasheet HTML 1Page - Microchip Technology MIC7111 Datasheet HTML 2Page - Microchip Technology MIC7111 Datasheet HTML 3Page - Microchip Technology MIC7111 Datasheet HTML 4Page - Microchip Technology MIC7111 Datasheet HTML 5Page - Microchip Technology MIC7111 Datasheet HTML 6Page - Microchip Technology MIC7111 Datasheet HTML 7Page - Microchip Technology MIC7111 Datasheet HTML 8Page - Microchip Technology MIC7111 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2020 Microchip Technology Inc.
DS20006316A-page 1
MIC7111
Features
• 1.8V to 11V Single Supply Operation
• ±0.9V to ±5.5V Dual Supply Operation
• Low 15 μA Supply Current at 1.8V
•25 kHz Gain Bandwidth
•1 mV Input Offset Voltage (Typical)
•1 pA Input Bias Current (Typical)
• 0.01 pA Input Offset Current (Typical)
• Input-Referred Noise is 110 nV/√Hz at 1 kHz
• Output Swing to within 1 mV of Rails with 1.8V
Supply And 100 kΩ Load
• Suitable for Driving Capacitive Loads
• Cost Effective SOT23-5 Package
Applications
• Wireless and Cellular Communications
• Gaas RF Bias Amplifier
• Current Sensing for Battery Chargers
• Transducer Linearization and Interface
• Portable Computing
General Description
The MIC7111 is a low-power operational amplifier with
rail-to-rail inputs and outputs. The device operates from
a 1.8V to 11V single supply or an ±0.9V to ±5.5V dual
supply. The device consumes a low 15 μA of current
from a 1.8V supply and 25 μA from a 10V supply. The
device features a unity gain bandwidth of 25 kHz and
swings within 1 mV of either the supply rail with a
100 kΩ load. The device is capable of sinking and
sourcing 25 mA of current from a 1.8V supply and up to
200 mA from a 10V supply. The device is available in
the cost effective SOT23-5 package.
Package Type
IN+ V+ OUT
A13
IN–
V–
PART
IDENTIFICATION
1
2
3
4
5
MIC7111
SOT23-5 (M5)
(Top View)
45
1
2
3
IN+ V+ OUT
IN–
V–
MIC7111
Functional Configuration
1.8V to 11V, 15 μA, 25 kHz GBW, Rail-to-Rail Input
and Output Operational Amplifier


Similar Part No. - MIC7111

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111 Datasheet
73Kb / 8P
1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
MIC7111BM5 MICREL-MIC7111BM5 Datasheet
73Kb / 8P
1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
MIC7111BM5 MICREL-MIC7111BM5 Datasheet
484Kb / 8P
1.8V IttyBitty Rail-to-Rail Input/Output Op Amp
MIC7111YM5 MICREL-MIC7111YM5 Datasheet
484Kb / 8P
1.8V IttyBitty Rail-to-Rail Input/Output Op Amp
MIC7111 MICREL-MIC7111_05 Datasheet
484Kb / 8P
1.8V IttyBitty Rail-to-Rail Input/Output Op Amp
More results

Similar Description - MIC7111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
19-Dec-2008
TSV632 STMICROELECTRONICS-TSV632 Datasheet
1,006Kb / 26P
Rail-to-rail input/output 60 μA 880 kHz operational amplifiers
15-Jun-2009
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
18-Jan-2010
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
January 2013 Rev 5
logo
ON Semiconductor
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
NCS2005 ONSEMI-NCS2005 Datasheet
481Kb / 10P
Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
LM7301 ONSEMI-LM7301_14 Datasheet
380Kb / 12P
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
NCS2005 ONSEMI-NCS2005_V01 Datasheet
573Kb / 11P
Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com