Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7111 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC7111
Description  1.8V to 11V, 15 關A, 25 kHz GBW, Rail-to-Rail Input and Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7111 Datasheet(HTML) 4 Page - Microchip Technology

  MIC7111 Datasheet HTML 1Page - Microchip Technology MIC7111 Datasheet HTML 2Page - Microchip Technology MIC7111 Datasheet HTML 3Page - Microchip Technology MIC7111 Datasheet HTML 4Page - Microchip Technology MIC7111 Datasheet HTML 5Page - Microchip Technology MIC7111 Datasheet HTML 6Page - Microchip Technology MIC7111 Datasheet HTML 7Page - Microchip Technology MIC7111 Datasheet HTML 8Page - Microchip Technology MIC7111 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MIC7111
DS20006316A-page 4
 2020 Microchip Technology Inc.
Input Bias Current
IB
—
1
10
pA
—
—
500
–40°C ≤ TJ ≤ +85°C
Input Offset Current
IOS
—
0.01
0.5
pA
—
—
75
–40°C ≤ TJ ≤ +85°C
Input Resistance
RIN
—
>10
—
TΩ
—
Positive Power Supply
Rejection Ratio
+PSRR
60
90
—
dB
2.7V ≤ VV+ ≤ 5V, VV– = 0V,
VCM = VOUT = 1.35V
Negative Power Supply
Rejection Ratio
–PSRR
60
90
—
dB
–2.7V ≤ VV– ≤ –5V, VV+ = 0V,
VCM = VOUT = –1.35V
Common-Mode Rejection
Ratio
CMRR
52
75
—
dB
VCM = –0.2V to +2.9V
Common-Mode Input
Capacitance
CIN
—
3
—
pF
—
Output Voltage Swing
VOUT
—
0.2
1
mV
Output HIGH, RL = 100 kΩ,
Specified as VV+ – VOUT
—
—
1
Output HIGH, RL = 100 kΩ,
Specified as VV+ – VOUT
–40°C ≤ TJ ≤ +85°C
—
0.2
1
Output LOW, RL = 100 kΩ
—
—
1
Output LOW, RL = 100 kΩ
–40°C ≤ TJ ≤ +85°C
—
10
33
Output HIGH, RL = 2 kΩ,
Specified as VV+ – VOUT
—
—
50
Output HIGH, RL = 2 kΩ,
Specified as VV+ – VOUT
–40°C ≤ TJ ≤ +85°C
—
10
33
Output Low, RL = 2 kΩ
—
—
50
Output Low, RL = 2 kΩ
–40°C ≤ TJ ≤ +85°C
Output Short-Circuit
Current (Note 1)
ISC
30
50
—
mA
Sourcing, VOUT = 0V
30
50
—
Sinking, VOUT = 2.7V
Voltage Gain
AVOL
—
400
—
V/mV
Sourcing
—
400
—
Sinking
Supply Current
IS
—
17
42
μA
VV+ = 2.7V, VOUT = VV+/2
DC ELECTRICAL CHARACTERISTICS (2.7V) (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VV+ = +2.7V; VV– = 0V; VCM = VOUT = VV+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Short circuit may cause device to exceed maximum allowable power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com