Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7E-SV4-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7E-SV4-R
Description  Remote I/O R7 Series ETHERNET I/O MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7E-SV4-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7E-SV4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
MODEL: R7E
R7E SPECIFICATIONS
ES-7807 Rev.13 Page 1/31
http://www.m-system.co.jp/
Remote I/O R7 Series
ETHERNET I/O MODULE
(Modbus/TCP)
ORDERING INFORMATION
• Basic module: R7E-[1]-R[2]
Specify a code from below for each of [1] and [2].
(e.g. R7E-DC16A-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
• Extension module: R7E-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R7E-EC16B/Q)
• Specify the specification for option code /Q
(e.g. /C01)
BASIC MODULE: R7E–[1]–R[2]
[1] I/O TYPE
DA16: Discrete input, 16 points
DC16A: NPN transistor output, 16 points
DC16B: PNP transistor output, 16 points
SV4: DC voltage/current input (10 V/20 mA), 4 points
TS4: Thermocouple input, 4 points
RS4: RTD input, 4 points
MS4: Potentiometer input, 4 points
CT4E: AC current input, 4 points,
clamp-on current sensor CLSE use
PA8: Totalized pulse input, 8 points,
(CE not available)
YV2: DC voltage output, 2 points
YS2: DC current output, 2 points
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7807-x)
EXTENSION MODULE: R7E–[1][2]
[1] I/O TYPE
EA8: Discrete input, 8 points
EA16: Discrete input, 16 points
EC8A: NPN transistor output, 8 points
EC16A: NPN transistor output, 16 points
EC8B: PNP transistor output, 8 points
EC16B: PNP transistor output, 16 points
[2] OPTIONS
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
FUNCTIONS & FEATURES
The R7E interfaces analog and discrete I/O signals with a
PLC or PC via Ethernet Modbus/TCP nerwork.
A ‘basic’ module can be attached with an ‘extension’
module. By combining two modules, single station can
handle mixed analog and discrete signals, 32-point discrete
inputs, 32-point discrete outputs, 16-point discrete I/Os and
other
combinations of signals.
Input sensor type (thermocouple, RTD) and range can be
selected with the front DIP switches for all channels. In
order to set different selections for individual channels, the
PC Configurator Software (model: R7CON) is used.


Similar Description - R7E-SV4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7FN-DC8C MSYSTEM-R7FN-DC8C Datasheet
158Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC16A MSYSTEM-R7FN-DC16A Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DAC16A MSYSTEM-R7FN-DAC16A Datasheet
162Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DA16 MSYSTEM-R7FN-DA16 Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
R7C MSYSTEM-R7C Datasheet
1Mb / 46P
Remote I/O R7 Series CC-Link I/O MODULE
R7FN-YS2 MSYSTEM-R7FN-YS2 Datasheet
161Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7L MSYSTEM-R7L Datasheet
608Kb / 26P
Remote I/O R7 Series LonWorks I/O MODULE
R7M MSYSTEM-R7M Datasheet
1Mb / 39P
Remote I/O R7 Series MODBUS I/O MODULE
R7ML MSYSTEM-R7ML Datasheet
1Mb / 40P
Remote I/O R7 Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com