Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7E-SV4-R Datasheet(PDF) 14 Page - M-System Co.,Ltd.

Part # R7E-SV4-R
Description  Remote I/O R7 Series ETHERNET I/O MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7E-SV4-R Datasheet(HTML) 14 Page - M-System Co.,Ltd.

Back Button R7E-SV4-R Datasheet HTML 10Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 11Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 12Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 13Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 14Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 15Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 16Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 17Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 18Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
MODEL: R7E
R7E SPECIFICATIONS
ES-7807 Rev.13 Page 14/31
http://www.m-system.co.jp/
THERMOCOUPLE INPUT MODULE, 4 points
MODEL: R7E-TS4
SPECIFICATIONS
Isolation: Input 0 to input 1 to input 2 to input 3 to Ethernet
to FG to power input
Converted data range: Engineering unit value (°C, K) × 10
(integer); No multiplication for °F
Linearization: Standard
Thermocouple: K, E, J, T, B, R, S, C, N, U, L, P, PR
Cold junction compensation: CJC sensor attached to the
input terminals
Input resistance: ≥ 30 kΩ
Burnout sensing: ≤ 0.1 μA
Conversion accuracy: ±1°C (±1.8°F);
±2.0°C (±3.6°F) for B, R, S, C, PR
Conversion rate: 250 msec. or 1 sec.
Response time: Conversion rate × 2 + 50 msec. (0 – 90 %)
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F) of
max. span
CJC error: ±1.0°C at 25°C ±10°C
(±1.8°F at 77°F ±18°F)
±1.5°C (±2.7°F) for R, S, PR
T/C
BURNOUT
INDICATION (°C)
K (CA)
-272
+1472
-150 to +1370
E (CRC)
-272
+1120
-170 to +1000
J (IC)
-260
+1300
-180 to +1200
T (CC)
-272
+ 500
-170 to + 400
B (RH)
24
1920
1000 to 1760
R
-100
+1860
380 to 1760
S
-100
+1860
400 to 1760
C (WRe 5-26)
-52
+2416
100 to 2315
N
-272
+1400
-130 to +1300
U
-252
+ 700
-200 to +600
L
-252
+1000
-200 to +900
P (Platinel II)
-52
+1496
0 to 1395
(PR)
-52
+1860
300 to 1760
Downscale
Upscale
CONFORMANCE
RANGE (°C)
K (CA)
-458
+2682
-238 to +2498
E (CRC)
-458
+2048
-274 to +1832
J (IC)
-436
+2372
-292 to +2192
T (CC)
-458
+932
-274 to +752
B (RH)
75
3488
1832 to 3200
R
-148
+3380
716 to 3200
S
-148
+3380
752 to 3200
C (WRe 5-26)
-62
+4381
212 to 4199
N
-458
+2552
-202 to +2372
U
-422
+1292
-328 to +1112
L
-422
+1832
-328 to +1652
P (Platinel II)
-62
+2725
32 to 2543
(PR)
-62
+3380
572 to 3200
CONFORMANCE
RANGE (°F)
Downscale
Upscale
BURNOUT
INDICATION (°F)
T/C
OPERATING MODE SETTING
(*) Factory setting
• Thermocouple Type (SW1-5, 1-6, 1-7, 1-8)
SW1-5 SW1-6 SW1-7 SW1-8
Thermocouple type
OFF
OFF
OFF
OFF
K (CA) (*)
ON
OFF
OFF
OFF
E (CRC)
OFF
ON
OFF
OFF
J (IC)
ON
ON
OFF
OFF
T (CC)
OFF
OFF
ON
OFF
B (RH)
ON
OFF
ON
OFF
R
OFF
ON
ON
OFF
S
ON
ON
ON
OFF
C (WRe 5-26)
OFF
OFF
OFF
ON
N
ON
OFF
OFF
ON
U
OFF
ON
OFF
ON
L
ON
ON
OFF
ON
P (Platinel II)
OFF
OFF
ON
ON
(PR)
ON
ON
ON
ON
PC Configurator setting
• Conversion Rate (SW1-3)
SW1-3 Conversion rate
OFF
250 msec. (*)
ON
1 sec.
• Burnout (SW1-4)
SW1-4 Burnout
OFF
Upscale (*)
ON
Downscale
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
TERMINAL ASSIGNMENTS
10
+IN0
11
–IN0
12
+IN1
1
+CJ0
2
–CJ0
3
+CJ1
13
–IN1
4
–CJ1
14
NC
5
NC
15
+IN2
6
+CJ2
16
–IN2
7
–CJ2
17
+IN3
8
+CJ3
9
–CJ3
18
–IN3
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
+CJ0 CJC + 0
10
+IN0 T/C + 0
2
–CJ0 CJC – 0
11
–IN0
T/C – 0
3
+CJ1 CJC + 1
12
+IN1 T/C + 1
4
–CJ1 CJC – 1
13
–IN1
T/C – 1
5
NC
No connection
14
NC
No connection
6
+CJ2 CJC + 2
15
+IN2 T/C + 2
7
–CJ2 CJC – 2
16
–IN2
T/C – 2
8
+CJ3 CJC + 3
17
+IN3 T/C + 3
9
–CJ3 CJC – 3
18
–IN3
T/C – 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com