Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7E-SV4-R Datasheet(PDF) 24 Page - M-System Co.,Ltd.

Part # R7E-SV4-R
Description  Remote I/O R7 Series ETHERNET I/O MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7E-SV4-R Datasheet(HTML) 24 Page - M-System Co.,Ltd.

Back Button R7E-SV4-R Datasheet HTML 20Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 21Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 22Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 23Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 24Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 25Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 26Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 27Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 28Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
MODEL: R7E
R7E SPECIFICATIONS
ES-7807 Rev.13 Page 24/31
http://www.m-system.co.jp/
DC CURRENT OUTPUT MODULE, 2 points
MODEL: R7E-YS2
SPECIFICATIONS
Isolation: Output 0 to output 1 to Ethernet to FG to power
input
Converted data range: 0 – 10000 of the output range
Output range: 4 – 20 mA DC
Load resistance: ≤ 600Ω
Conversion accuracy: ±0.1 %
Response time: 250 msec. (0 – 90 %)
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F)
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-3, 1-5 through 1-8 are unused. Be sure to
turn off unused ones.
• Output at the Loss of Communication (SW1-4)
SW1-4
Output at the loss of communication
OFF
Reset the output (to -15%)
ON
Hold the output (*)
(maintains the last data received normally)
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
TERMINAL ASSIGNMENTS
6
NC
7
I0
8
NC
1
NC
2
COM0
3
NC
9
I1
4
COM1
10
NC
5
NC
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
6
NC
No connection
2
COM0 Common 0
7
I0
Current 0
3
NC
No connection
8
NC
No connection
4
COM1 Common 1
9
I1
Current 1
5
NC
No connection
10
NC
No connection
CIRCUIT DIAGRAM
Note: In order to improve EMC performance, bond the FG
terminal to ground.
Caution: FG terminal is NOT a protective conductor
terminal.
Output Circuit
Control
Circuit
Output Circuit
7 I0
2 COM0
9
4
OUTPUT 0
I1
COM1
OUTPUT 1
1
3
5
6
8
10
7
6
0V
24V DC
3
4
1
5
2
FG
Isolation
Modbus/
TCP
RJ-45
CONNECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com