Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7E-SV4-R Datasheet(PDF) 16 Page - M-System Co.,Ltd.

Part # R7E-SV4-R
Description  Remote I/O R7 Series ETHERNET I/O MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7E-SV4-R Datasheet(HTML) 16 Page - M-System Co.,Ltd.

Back Button R7E-SV4-R Datasheet HTML 12Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 13Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 14Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 15Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 16Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 17Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 18Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 19Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 20Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
MODEL: R7E
R7E SPECIFICATIONS
ES-7807 Rev.13 Page 16/31
http://www.m-system.co.jp/
RTD INPUT MODULE, 4 points
MODEL: R7E-RS4
SPECIFICATIONS
Isolation: Input 0 to input 1 to input 2 to input 3 to Ethernet
to FG to power input
Converted data range: Engineering unit value (°C, K) × 10
(integer); No multiplication for °F
Linearization: Standard
RTD: Pt 100 (JIS ’97, IEC), Pt 100 (JIS ’89), JPt 100 (JIS ’89),
Pt 50 Ω (JIS ’81), Ni 100, Cu 10, Cu 50
Sensing current: ≤ 1 mA
Input resistance: ≥ 1 MΩ
Maximum leadwire resistance: 100 Ω per wire
Conversion accuracy: ±1°C (±1.8°F);
±3°C (±5.4°F) for Cu 10
Conversion rate: 250 msec. or 1 sec.
Response time: Conversion rate × 2 + 50 msec. (0 – 90 %)
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F) of
max. span
RTD
BURNOUT INDICATION (°C) CONFORMANCE
Downscale
Upscale
RANGE (°C)
Pt 100 (JIS ’97, IEC)
-240
+900
-200 to +850
Pt 100 (JIS ’89)
-240
+900
-200 to +660
JPt 100 (JIS ’89)
-236
+560
-200 to +510
Pt 50 Ω (JIS ’81)
-236
+700
-200 to +649
Ni 100
-100
+252
-80 to +250
Cu 10 @ 25°C
-212
+312
-50 to +250
Cu 50
-100
+200
-50 to +150
RTD
BURNOUT INDICATION (°F) CONFORMANCE
Downscale
Upscale
RANGE (°F)
Pt 100 (JIS ’97, IEC)
-400
+1652
-328 to +1562
Pt 100 (JIS ’89)
-400
+1652
-328 to +1220
JPt 100 (JIS ’89)
-393
+1040
-328 to +950
Pt 50 Ω (JIS ’81)
-393
+1292
-328 to +1200
Ni 100
-148
+486
-112 to +482
Cu 10 @ 25°C
-350
+594
-58 to +482
Cu 50
-148
+392
-58 to +302
OPERATING MODE SETTING
(*) Factory setting
• RTD Type (SW1-5, 1-6, 1-7, 1-8)
SW1-5 SW1-6 SW1-7 SW1-8
RTD Type
OFF
OFF
OFF
OFF
Pt 100 (JIS ’97, IEC) (*)
ON
OFF
OFF
OFF
Pt 100 (JIS ’89)
OFF
ON
OFF
OFF
JPt 100 (JIS ’89)
ON
ON
OFF
OFF
Pt 50 Ω (JIS ’81)
OFF
OFF
ON
OFF
Ni 100
ON
OFF
ON
OFF
Cu 10 @ 25°C
OFF
OFF
OFF
ON
Cu 50
ON
ON
ON
ON
PC Configurator setting
• Conversion Rate (SW1-3)
SW1-3 Conversion rate
OFF
250 msec. (*)
ON
1 sec.
• Burnout (SW1-4)
SW1-4 Burnout
OFF
Upscale (*)
ON
Downscale
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
TERMINAL ASSIGNMENTS
10
INA0
11
INb0
12
INA1
1
NC
2
INB0
3
NC
13
INb1
4
INB1
14
NC
5
NC
15
INA2
6
NC
16
INb2
7
INB2
17
INA3
8
NC
9
INB3
18
INb3
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
10
INA0 RTD 0-A
2
INB0 RTD 0-B
11
INb0
RTD 0-b
3
NC
No connection
12
INA1 RTD 1-A
4
INB1 RTD 1-B
13
INb1
RTD 1-b
5
NC
No connection
14
NC
No connection
6
NC
No connection
15
INA2 RTD 2-A
7
INB2 RTD 2-B
16
INb2
RTD 2-b
8
NC
No connection
17
INA3 RTD 3-A
9
INB3 RTD 3-B
18
INb3
RTD 3-b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com