Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7E-SV4-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7E-SV4-R
Description  Remote I/O R7 Series ETHERNET I/O MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7E-SV4-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7E-SV4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7E-SV4-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
MODEL: R7E
R7E SPECIFICATIONS
ES-7807 Rev.13 Page 2/31
http://www.m-system.co.jp/
RELATED PRODUCTS
• PC configurator software (model: R7CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
• Clamp-on current sensor (model: CLSE)
For R7E-CT4E, the clamp-on current sensors must be
ordered separately. Required number depends upon the
channel number.
Note: PC Configurator Software is required to set IP address.
GENERAL SPECIFICATIONS
• Common Specifications
Power input: 24 V DC ±10 %; ripple 10 %p-p max.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute
(between isolated circuits)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Storage temperature: -20 to +65°C (-4 to +149°F)
Mounting: DIN rail (35 mm wide)
Connection
Ethernet: RJ-45 connector
Power & I/O: M3 separable screw terminals
(torque 0.5 N·m)
Screw terminal material: Nickel-plated steel
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG22 to 16)
Housing material: Flame-resistant resin (gray)
Status indicator LEDs: PWR, RUN
■ Current Consumption & Weight
R7E-DA16: Approx. 74 mA, 200 g (7.0 oz)
R7E-DC16A: Approx. 86 mA, 200 g (7.0 oz)
R7E-DC16B: Approx. 86 mA, 200 g (7.0 oz)
R7E-SV4: Approx. 97 mA, 200 g (7.0 oz)
R7E-TS4: Approx. 97 mA, 200 g (7.0 oz)
R7E-RS4: Approx. 97 mA, 200 g (7.0 oz)
R7E-MS4: Approx. 97 mA, 200 g (7.0 oz)
R7E-CT4E: Approx. 90 mA, 200 g (7.0 oz)
R7E-PA8: Approx. 80 mA, 200 g (7.0 oz)
R7E-YV2: Approx. 115 mA, 180 g (6.3 oz)
R7E-YS2: Approx. 161 mA, 180 g (6.3 oz)
R7E-EA8: Approx. 10 mA, 90 g (3.2 oz)
R7E-EA16: Approx. 20 mA, 150 g (5.3 oz)
R7E-EC8A: Approx. 10 mA, 90 g (3.2 oz)
R7E-EC16A: Approx. 20 mA, 150 g (5.3 oz)
R7E-EC8B: Approx. 10 mA, 90 g (3.2 oz)
R7E-EC16B: Approx. 20 mA, 150 g (5.3 oz)
■ Recommended solderless terminal
3.3 (.13) max
mm (inch)
ETHERNET COMMUNICATION
Physical layer standard: IEEE 802.3u
Data link layer: 10BASE-T / 100BASE-TX
Baud rate: 10 / 100 Mbps, Auto Negotiation
Protocol: Modbus/TCP
Data: RTU (binary)
Max. number of socket connections: Two (2)
Transmission media: 10BASE-T (STP cable, category 5)
100BASE-TX (STP cable, category 5e)
Max. segment length: 100 meters
IP address: 192.168.0.1 (factory setting); Selectable with PC
Configurator Software (model: R7CON)
Port No.: 502
Ethernet indicator LED: LINK, LINK100, COL
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com