Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-LC2-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-LC2-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-LC2-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7G4HML3-6-LC2-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MODEL: R7G4HML3-6-LC2
R7G4HML3-6-LC2 SPECIFICATIONS
ES-7772-AX Rev.0 Page 3/8
http://www.m-system.co.jp/
±0.15 % (Averaging 4 samples)
±0.20 % (Averaging 2 samples)
Option code /R05
±0.05 % (Averaging 512 samples or more)
±0.10 % (Averaging 64, 128, 256 samples)
±0.20 % (Averaging 16, 32 samples)
±0.30 % (Averaging 2, 4, 8 samples)
Monitor output accuracy: ±0.1 %
Converted data range:
Input 0 / input 1: 0 – 10000 of the range from zero to span
Total input data: Sum of input 0 and input 1
Temperature coefficient:
Strain gauge input: ±0.015 %/°C (±0.008 %/°F)
Monitor output: ±0.015 %/°C (±0.008 %/°F)
Input delay time:
Lowpass filter 2 kHz max. 20 msec. (0 - 90 %)
Lowpass filter 2 Hz max. 200 msec. (0 - 90 %)
Lowpass filter 1 Hz max. 400 msec. (0 - 90 %)
Output delay time: ≤ 250 msec. (0 – 90 %)
Resolution: 1/10000
Insulation resistance: ≥ 100 MΩ with 500 V DC
Isolation: 1500 V AC @ 1 minute
(input 0 or monitor output 0 to input 1 or monitor output 1
to MECHATROLINK or FE to power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R7CFG)
Refer to the users manual for the R7CFG for detailed
operation of the software program.
■ SETTINGS FOR INDIVIDUAL CHANNELS
PARAMETER
SETTING RANGE
DEFAULT SETTING
Zero adjustment
-50 to +50%
–
Span adjustment
10% to full scale
Full scale
Auto zero
–
–
Reset offset
–
–
Auto scale
0 to 32 000
–
Bias
-320.00 to +320.00 (%)
0.00 (%)
Gain
-3.2000 to +3.2000
1.0000
Zero scale
-32 000 to +32 000
0
Full scale
-32 000 to +32 000
10 000
Load ratio
10.00 to 100.00 (%)
100.00 (%)
Averaging
2, 4, 8, 16, 32, 64, 128,
256, 512, 1024
16
Excitation
5V, 2.5V
5V
Lowpass lter
2Hz, 2kHz (1Hz only for
/F1)
2kHz (1Hz only
for /F1)
Monitor output
-115.00 to +115.00 (%)
–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com