Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-LC2-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-LC2-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-LC2-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R7G4HML3-6-LC2-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MODEL: R7G4HML3-6-LC2
R7G4HML3-6-LC2 SPECIFICATIONS
ES-7772-AX Rev.0 Page 6/8
http://www.m-system.co.jp/
RESPONSE TIME
Response time of analog input module is time from when 0 to 100% stepwise signal change is applied to the analog module till
when the communication ASIC of the module (slave) transmits 90% of input signal.
TCOM: MECHATROLINK-III transmission cycle set at master
(depends on system and configuration)
TINP: Input module response time ≤ Input Delay time (Ta) + Conversion rate*1 (Tb) + input internal processing delay time (Tc)
(two transmission cycle)
*1. Conversion rate x Averaging
E.g.: Averaging (2), input delay time of 20 msec, transmission cycle of 0.5 msec.
Input module response time (TINP): Input Delay time (20 msec.) + Conversion rate (0.5 msec.) × Averaging (2)
+ internal processing delay time (0.5 msec. x 2) = 22 [msec.]
INPUT MODULE
MECHATROLINK-III
TRANSMISSION CYCLE
TRANSMISSION FROM
SLAVE COMMUNICATION ASIC
TINP
TRANSMISSION TO
A HOST (MASTER)
Ts
Tc
Ta
TCOM
I/O DATA DESCRIPTIONS
Scaling of analog I/O module is configurable with the configurator software (model: R7CFG). Refer to the software manual for
details.
■ ANALOG I/O
Data is represented in 16-bit binary. Negative value is represented in 2's complements.
0
7
Byte n+1
Byte n
0 7
0
7
Automatic zero correction
Zero adjustment
Span adjustment
Unused
Mode setting
Reset offset
■ SETTING COMMAND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com