Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-LC2-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-LC2-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-LC2-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7G4HML3-6-LC2-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MODEL: R7G4HML3-6-LC2
R7G4HML3-6-LC2 SPECIFICATIONS
ES-7772-AX Rev.0 Page 4/8
http://www.m-system.co.jp/
EXTERNAL VIEW
Status Indicator LED
4
5
6
7
1
2
3
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
PWR
SA1
×10
SA2
×1
LNK2
CON
LNK1
ERR
LNK1
LNK2
CNFG.
Station Address Setting Rotary SW
PC Configurator Connector
Power Supply Terminals
I/O Terminals
Input Status Indicator LED
MECHATROLINK- III
Connectors
TERMINAL ASSIGNMENTS
■I/O TERMINAL ASSIGNMENT
14
5
6
15
16
17
18
7
8
9
10
1
2
11
12
13
3
4
V0
C0
-EXC1
+EXC1 +IN1
NC
V1
-IN1
SLD1
NC
NC
-EXC0
+EXC0 +IN0
NC
-IN0
SLD0
C1
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
10
NC
No connection
2
-EXC0 Excitation 0-
11
+EXC0 Excitation 0+
3
-IN0
Input 0-
12
-IN0
Input 0+
4
SLD0 Shield 0
13
NC
No connection
5
C0
Monitor output 0-
14
V0
Monitor output 0+
6
-EXC1 Excitation 1-
15
+EXC1 Excitation 1+
7
-IN1
Input 1-
16
+IN1
Input 1+
8
SLD1 Shield 1
17
NC
No connection
9
C1
Monitor output 1-
18
V1
Monitor output 1+
■POWER SUPPLY TERMINAL ASSIGNMENT
4
NC
5
6
7
1
2
3
NC
+24V 0V
NC
NC
FE
1. NC
2. NC
3. FE
4. NC
5. NC
6. +24V
7. 0V
-
-
Functional earth
-
-
Power supply (24V DC)
Power supply (0V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com