Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-LC2-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-LC2-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-LC2-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7G4HML3-6-LC2-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODEL: R7G4HML3-6-LC2
R7G4HML3-6-LC2 SPECIFICATIONS
ES-7772-AX Rev.0 Page 1/8
http://www.m-system.co.jp/
Remote I/O R7G4H Series
MECHATROLINK I/O MODULE
(strain gauge input, 2 points, isolated, screw terminal block,
message transmission command, MECHATROLINK- III use)
Functions & Features
• 2 points strain gauge input for MECHATROLINK- III
• Easy parameter setting of individual channels with M-
System's configurator software
55 (2.17)
mm (inch)
57 (2.24)
130 (5.12)
MODEL: R7G4HML3-6-LC2–R[1]
ORDERING INFORMATION
• Code number: R7G4HML3-6-LC2-R[1]
Specify a code from below for [1].
(e.g. R7G4HML3-6-LC2-R/R20/F2K/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
TERMINAL BLOCK
6: Screw terminal block for power supply
Connector for MECHATROLINK- III
Screw terminal block for I/O
I/O TYPE
LC2: Strain gauge input, 2 points
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS (multiple selections)
Input Range
(be sure to specify)
/R20: -2 - +2 mV/V
/R10: -1 - +1 mV/V
/R05: -0.5 - +0.5 mV/V
CR Filter
(be sure to specify)
/F2K: 2 kHz/2 Hz
/F1: 1 Hz/2 Hz
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7772-LC2)
RELATED PRODUCTS
• PC configurator software (model: R7CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
MECHATROLINK-III: MECHATROLINK-III connector
Power input, I/O: M3 separable screw terminal (torque 0.5
N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Isolation: Input 0 or monitor output 0 to input 1 or monitor
output 1 to MECHATROLINK or FE to power
Zero adjustments: Configurable via R7CFG
Span adjustments: Configurable via R7CFG
Load coefficient: Configurable via R7CFG
Averaging: Configurable via R7CFG
Excitation Voltage: Configurable via R7CFG
Lowpass filter: Configurable via R7CFG


Similar Part No. - R7G4HML3-6-LC2-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7G4HML3-6-LC2A MSYSTEM-R7G4HML3-6-LC2A Datasheet
238Kb / 7P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-LC2A-R MSYSTEM-R7G4HML3-6-LC2A-R Datasheet
238Kb / 7P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-LC2A-R/Q MSYSTEM-R7G4HML3-6-LC2A-R/Q Datasheet
238Kb / 7P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
More results

Similar Description - R7G4HML3-6-LC2-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7G4HML3-6-LC2A MSYSTEM-R7G4HML3-6-LC2A Datasheet
238Kb / 7P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-PA1 MSYSTEM-R7G4HML3-6-PA1 Datasheet
314Kb / 10P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-STYVS1 MSYSTEM-R7G4HML3-6-STYVS1 Datasheet
252Kb / 9P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-SV4 MSYSTEM-R7G4HML3-6-SV4 Datasheet
254Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-SVF4 MSYSTEM-R7G4HML3-6-SVF4 Datasheet
255Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-TS4 MSYSTEM-R7G4HML3-6-TS4 Datasheet
261Kb / 9P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-YSF4 MSYSTEM-R7G4HML3-6-YSF4 Datasheet
245Kb / 7P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-YVF4 MSYSTEM-R7G4HML3-6-YVF4 Datasheet
254Kb / 7P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML-6-SVF8N MSYSTEM-R7G4HML-6-SVF8N Datasheet
270Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML-6-YVF4 MSYSTEM-R7G4HML-6-YVF4 Datasheet
256Kb / 7P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com