Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-LC2-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-LC2-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-LC2-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7G4HML3-6-LC2-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-LC2-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MODEL: R7G4HML3-6-LC2
R7G4HML3-6-LC2 SPECIFICATIONS
ES-7772-AX Rev.0 Page 5/8
http://www.m-system.co.jp/
MECHATROLINK RELATED COMMANDS
Commands available with the unit are as follow.
PROFILE
COMMAND
CODE
FUNCTION
Common command
NOP
00H
No operation command
ID_RD
03H
Read ID command
CONFIG
04H
Setup device command
ALM_RD
05H
Read alarm or warning command
ALM_CLR
06H
Clear alarm or warning command
CONNECT
0EH
Establish connection command
DISCONNECT
0FH
Release connection command
Standard I/O profile
DATA_RWA
20H
Transmit I/O data
DATA CONVERSION
Analog input data is converted into digital representations of 0 – 100% proportional to each scaled range. The converted %
values are multiplied by 100 and expressed in 16 bits.
Overrange input is possible from -15 to +115% of the nominal range. When the signal exceeds the limit, the data is fixed at
-15% or +115% respectively. Negative value is represented in 2’s complements.
• Input Range 0 – 5 V DC
≤ -0.75 V
0 V
5 V
≥ 5.75 V
Input Value
-15%
0%
100%
115%
Input %
-1500
0
10000
11500
Converted Data, Decimal
FA24
0
2710
2CEC
Converted Data, Hex
Analog output is converted in the reverse order of the input data. The output range 0 – 5 V DC is expressed as 10000 at
5.0 V (100%) and 0 at 0 V (0%).
11500 (2CEC)
10000 (2710)
-0.75
-1500 (FA24)
5.0
5.75
0
(V)
■ I/O RANGE AND DATA CONVERSION (FACTORY DEFAULT SETTING)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com