Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DA16-R Datasheet(PDF) 42 Page - M-System Co.,Ltd.

Part # R7HL-DA16-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DA16-R Datasheet(HTML) 42 Page - M-System Co.,Ltd.

Back Button R7HL-DA16-R Datasheet HTML 38Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 39Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 40Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 41Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 42Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 43Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 44Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 45Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 46Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 42/55
http://www.m-system.co.jp/
(For details refer to the instruction manual.)
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-7 is unused. Be sure to turn it off.
• Conversion Data (SW1-1)
SW1-1
Conversion data
OFF
Position data (*)
ON
Speed data
• Input Range (speed) (SW1-2, 1-3, 1-4)
SW1-2
SW1-3
SW1-4
Input range
OFF
OFF
OFF
0
– 100kHz (*)
ON
OFF
OFF
0
– 10kHz
OFF
ON
OFF
0
– 1kHz
ON
ON
OFF
0
– 100Hz
OFF
OFF
ON
0
– 10Hz
ON
OFF
ON
0
– 1Hz
OFF
ON
ON
0
– 0.1Hz
• Position Count Mode
SW1-5
SW1-6
Count mode
OFF
OFF
Quad multiplication (Mode 3) (*)
ON
OFF
Double multiplication (Mode 2)
OFF
ON
Non-multiplication (Mode 1)
ON
ON
Non-multiplication (Mode 0)
• Transfer Rate (SW1-8)
SW1-8
Transfer rate
OFF
12Mbps (*)
ON
6Mpbs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com