Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DA16-R Datasheet(PDF) 20 Page - M-System Co.,Ltd.

Part # R7HL-DA16-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DA16-R Datasheet(HTML) 20 Page - M-System Co.,Ltd.

Back Button R7HL-DA16-R Datasheet HTML 16Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 17Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 18Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 19Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 20Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 21Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 22Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 23Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 24Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 20/55
http://www.m-system.co.jp/
DISCRETE INPUT, 8 points & NPN TRANSISTOR
OUTPUT, 7 points MODULE
(independent I/O common)
MODEL: R7HL-DAC15E
SPECIFICATIONS
■ COMMON SPECIFICATIONS
Input common: Positive or negative (NPN/PNP) per 8 points
Output common: Negative common (NPN) per 7 points
Number of I/O: Input, 8 points; Output, 7 points
Maximum I/O applicable at once: No limit (at 24 V DC)
I/O status indicator: LED turns ON with contact ON
Isolation: Input to output to HLS to power input to FG
Data allocation: 1
■ INPUT
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage/current: ≥ 15 V DC (input-COM) / ≥ 3.5 mA
OFF voltage/current: ≤ 5 V DC (input-COM) / ≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 0.5 msec.
■ OUTPUT
Rated load voltage: 24 V DC ±10 %
Rated output current: 0.25 A per point, 1.75 A per common
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.2 msec.
OFF delay: ≤ 0.5 msec.
(When driving an inductive load, connect a diode in parallel
with the load.)
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-1 through 1-6 are unused. Be sure to turn
off unused ones.
• Output at the Loss of Communication (SW1-7)
SW1-7
Output at the loss of communication
OFF
Hold the output (*)
(maintains the last data received normally)
ON
Reset the output (turned off)
• Transfer Rate (SW1-8)
SW1-8
Transfer rate
OFF
12Mbps (*)
ON
6Mpbs
TERMINAL ASSIGNMENTS
14
5
6
+24V
X7
0V
15
Y0
16
17
18
7
8
9
Y2
Y4
Y6
Y1
Y3
10
1
2
X0
COM
X1
11
X2
12
13
3
4
X4
X6
X3
X5
Y5
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
COM
Common
10
X0
Input 0
2
X1
Input 1
11
X2
Input 2
3
X3
Input 3
12
X4
Input 4
4
X5
Input 5
13
X6
Input 6
5
X7
Input 7
14
+24V
24V DC
6
0V
0V (Output common)
15
Y0
Output 0
7
Y1
Output 1
16
Y2
Output 2
8
Y3
Output 3
17
Y4
Output 4
9
Y5
Output 5
18
Y6
Output 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com