Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DA16-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7HL-DA16-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DA16-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7HL-DA16-R Datasheet HTML 1Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 2Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 3Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 4Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 5Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 6Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 7Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 8Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 1/55
http://www.m-system.co.jp/
Remote I/O R7 Series
HI-SPEED LINK SYSTEM I/O MODULE
115 (4.53)
53 (2.09)
54 (2.13)
mm (inch)
MODEL: R7HL-[1]-R[2]
ORDERING INFORMATION
• Code number: R7HL-[1]-R[2]
Specify a code from below for each of [1] and [2].
(e.g. R7HL-PA2SA7-R/H/C/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] I/O TYPE
DA16: Discrete input, 16 points
DC16A: NPN transistor output, 16 points
DC16B: PNP transistor output, 16 points
DAC15E: Discrete input, 8 points
NPN transistor output, 7 points (independent I/O common)
DAC16A: PNP discrete input, 8 points
NPN transistor output, 8 points
DAC16B: NPN discrete input, 8 points
PNP transistor output, 8 points
DAC16C: NPN discrete input &
NPN transistor output, 8 points each
DAC16ES: Discrete input, 8 points
NPN transistor output, 8 points (independent I/O common)
DC8C: Relay contact output, 8 points
SV4: DC voltage/current input (10 V/20 mA), 4 points
SVF4: DC voltage/current input (10 V/20 mA), high speed,
4 points, non-isolated (CE not available)
TS4: Thermocouple input, 4 points
RS4: RTD input, 4 points
LC2: Strain gauge input, 2 points (with monitor output)
PA4E: Totalized pulse input, 4 points
PA2SJ: Encoder input (speed / position) 2 points
(RS-422 input)
PA2SA1: Encoder input (speed / position) 2 points
(5 V open collector input)
PA2SA4: Encoder input (speed / position) 2 points
(12 V open collector input)
PA2SA7: Encoder input (speed / position) 2 points
(24 V open collector input)
YV2: DC voltage output, 2 points
YS2: DC current output, 2 points
SVF8NL: DC voltage input, high speed, 8 points
(non-isolated, 12 bits data)
YV4L: DC votage output, 4 points
(isolated, 12 bits data)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS (multiple selections)
Communication Mode
blank: Full-duplex
/H: Half-duplex
Transfer rate
(Selectable only for SVF8NL and YV4L)
blank: 12 Mbps/6 Mbps
/3: 3 Mbps
Sensor Excitation
(Selectable for PA2SJ and PA2SAx)
blank: External excitation
/C: Incorporated excitation
Input Range
(Selectable only for LC2 (be sure to specfy))
/R20: -2 - +2 mV/V
/R10: -1 - +1 mV/V
/R05: -0.5 - +0.5 mV/V
CR Filter
(Selectable only for LC2 (be sure to specfy))
/F2K: 2 kHz/2 Hz
/F1: 1 Hz/2 Hz
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7812-x)


Similar Part No. - R7HL-DA16-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R7H-1001S ETC-R7H-1001S Datasheet
120Kb / 3P
NEUTRAL GROUNDING RESISTORS LOAD BANKS
R7H-1001T ETC-R7H-1001T Datasheet
120Kb / 3P
NEUTRAL GROUNDING RESISTORS LOAD BANKS
R7H-1003S ETC-R7H-1003S Datasheet
120Kb / 3P
NEUTRAL GROUNDING RESISTORS LOAD BANKS
R7H-1003T ETC-R7H-1003T Datasheet
120Kb / 3P
NEUTRAL GROUNDING RESISTORS LOAD BANKS
R7H-2001S ETC-R7H-2001S Datasheet
120Kb / 3P
NEUTRAL GROUNDING RESISTORS LOAD BANKS
More results

Similar Description - R7HL-DA16-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7F4DH MSYSTEM-R7F4DH Datasheet
1Mb / 77P
Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7C MSYSTEM-R7C Datasheet
1Mb / 46P
Remote I/O R7 Series CC-Link I/O MODULE
R7G4HH-A-SVF4 MSYSTEM-R7G4HH-A-SVF4 Datasheet
293Kb / 11P
Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
R7G4HH-A-YVF4 MSYSTEM-R7G4HH-A-YVF4 Datasheet
278Kb / 11P
Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32A MSYSTEM-R7K4DH-1-DAC32A Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32B MSYSTEM-R7K4DH-1-DAC32B Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32C MSYSTEM-R7K4DH-1-DAC32C Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32D MSYSTEM-R7K4DH-1-DAC32D Datasheet
321Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7L MSYSTEM-R7L Datasheet
608Kb / 26P
Remote I/O R7 Series LonWorks I/O MODULE
R7ML MSYSTEM-R7ML Datasheet
1Mb / 40P
Remote I/O R7 Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com