Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DA16-R Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # R7HL-DA16-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DA16-R Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button R7HL-DA16-R Datasheet HTML 5Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 6Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 7Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 8Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 9Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 10Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 11Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 12Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 13Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 9/55
http://www.m-system.co.jp/
4. ENCODER INPUT
Encoder input data is converted into digital representations of 0 – 100% proportional to each scaled range.
The converted % values are multiplied by 100 and expressed in 16 bits.
Overrange input is possible from -15 to +115% of the nominal range.
When the signal exceeds the limit, the data is fixed at -15% or +115% respectively.
· Input Range 0 – 100 kHz
Input Value
Input % Converted Data, Decimal Converted Data, Hex
-130kHz
-15%
-1500
FA24
-100kHz
0%
0
0
0kHz
50%
5000
1388
100kHz
100%
10000
2710
130kHz
115%
11500
2CEC
11500 (2CEC)
10000 (2710)
5000 (1388)
-130
-1500 (FA24)
-100
100 130
0
(kHz)
0Hz
+
-
ACCEL.
ACCEL.
DECEL.
STOP
REVERSE
FORWARD
ϕ
A INPUT
ϕ
B INPUT
CUTOUT
CUTOUT
I/O DATA DESCRIPTIONS
Scaling of analog input, analog output and encorder input (speed) is configurable with the configurator software (model:
R7CON). Refer to the software manual for details.
0
15
• Di
■ ANALOG INPUT (EXCEPT R7HL-SVF8NL) *1
ADD.n
CH0
Unused
Unused
Unused
Unused
CH1
CH2
CH3
(ADD.n)
ADD.n+2
(ADD.n+1)
ADD.n+4
(ADD.n+2)
ADD.n+6
(ADD.n+3)
The data is 16-bit binary.
Negative value is represented in 2’s complements.
Address in parentheses are for half-duplex mode.
*1. Scaling is available with Configurator Software (model: R7CON).
Refer to the Configurator Software users manual for detail.
0
15
0
15
0
15
0
15
• Do
0
15
0
15
0
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com