Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DA16-R Datasheet(PDF) 45 Page - M-System Co.,Ltd.

Part # R7HL-DA16-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DA16-R Datasheet(HTML) 45 Page - M-System Co.,Ltd.

Back Button R7HL-DA16-R Datasheet HTML 41Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 42Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 43Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 44Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 45Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 46Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 47Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 48Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 49Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 45/55
http://www.m-system.co.jp/
■ R7HL-PA2SJ/C
A+
A- B+
B- Z+
Z- +24V LCH GND
+24V GND
+24V RST GND OCA GND
GND
OCB
CH1
1
2
3
4
5
6
7
8
9
10 11
12 13 14 15 16 17 18
CH0
No.
ID
FUNCTION
No.
ID
FUNCTION
CH0
1
+24V
Encoder excitation output +
CH1
1
+24V
Encoder excitation output +
2
GND
Encoder excitation output –
2
GND
Encoder excitation output –
3
A+
CH0 Phase A+
3
A+
CH1 Phase A+
4
A–
CH0 Phase A–
4
A–
CH1 Phase A–
5
B+
CH0 Phase B+
5
B+
CH1 Phase B+
6
B–
CH0 Phase B–
6
B–
CH1 Phase B–
7
Z+
CH0 Phase Z+
7
Z+
CH1 Phase Z+
8
Z–
CH0 Phase Z–
8
Z–
CH1 Phase Z–
9
+24V
24V DC
9
+24V
24V DC
10
LCH
CH0 Latch input
10
LCH
CH1 Latch input
11
GND
0V
11
GND
0V
12
+24V
24V DC
12
+24V
24V DC
13
RST
CH0 Reset input
13
RST
CH1 Reset input
14
GND
0V
14
GND
0V
15
OCA
CH0 Open collector output A
15
OCA
CH1 Open collector output A
16
GND
0V
16
GND
0V
17
OCB
CH0 Open collector output B
17
OCB
CH1 Open collector output B
18
GND
0V
18
GND
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com