Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4559P Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4559P
Description  150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4559P Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4559P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ACE4559P
150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
2
Absolute Maximum Ratings
Symbol
Items
Value
Unit
VCC
Input Voltage
-0.3~7
V
VPROG
PROG Voltage
-0.3~7
V
VBAT
BAT Voltage
-0.3~7
V
VCHGb
CHGb Voltage
-0.3~7
V
IBAT
Battery Charge Current
150
mA
PDMAX
Power Dissipation
0.5
W
TJ
Junction Temperature
-40~125
℃
Tstg
Storage Temperature
-55 to 150
℃
Tsolder
Package Lead Soldering Temperature
260℃, 10s
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.
Recommended Operating Conditions
Symbol
Items
MIN
NOM
MAX
UNIT
VCC
Input operating voltage range
4.5
5
5.5
V
IBAT
Battery charge current range
1
50
150
mA
TJ
Junction temperature
0
125
℃
RPROG
CC mode charge current programming resistor
1
2
100
KΩ
Packaging Type
TDFN1*1-6L
BAT
NC
CHGb
VCC
PROG
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com