Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4559P Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4559P
Description  150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4559P Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4559P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ACE4559P
150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
1
Description
The ACE4559P series of devices are highly integrated Li-Ion and Li-Pol linear chargers targeted at
small capacity battery for portable applications. It is a complete constant-current/ constant voltage linear
charger. No external sense resistor is needed, and no blocking diode is required due to the internal
MOSFET architecture. It can deliver up to 150mA of charge current (using a good thermal PCB layout)
with a final float voltage accuracy of ±1%. The charge voltage is fixed at 4.2V or 4.35V, and the charge
current can be programmed externally with a single resistor. The charger function has high accuracy
current and voltage regulation loops and charge termination.
The ACE4559P automatically terminates the charge cycle when the charge current drops to 1/10 the
programmed value after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is removed, the ACE4559P will shut off, only 40nA
leakage current coming from battery at sleep mode when ambient temperature is 85℃, so it can save
energy and improve standby time.
The ACE4559P is available in a small package with TDFN1X1-6L. Standard product is Pb-Free and
Halogen-free.
Features
Charging
1% Charge Voltage Accuracy
5% Charge Current Accuracy
Support Application for Very Low Charge Currents – 1mA to 150mA
Support minimum 0.1mA Charge Termination Current
45nA Maximum Battery Output Leakage Current @ 0℃~85℃
High Voltage Chemistry Support: up to 4.35V
Others
Output Short-Circuit Protection
Soft-Start Limits Inrush Current
Charge Status Output Pin
Automatic Recharge
Application
Fitness Accessories
Smart Watches
Bluetooth Handsets
Wireless Low-Power Handheld Devices


Similar Part No. - ACE4559P

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4562M ACE-ACE4562M Datasheet
1Mb / 9P
N & P-Channel 60-V (D-S) MOSFET
VER 1.1
ACE45677D ACE-ACE45677D Datasheet
455Kb / 5P
Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
ACE45677DBFM+H ACE-ACE45677DBFM+H Datasheet
455Kb / 5P
Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
ACE45677DFM+H ACE-ACE45677DFM+H Datasheet
455Kb / 5P
Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
More results

Similar Description - ACE4559P

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1729 LINER-LTC1729 Datasheet
200Kb / 12P
Li-Ion Battery Charger Termination Controllers
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Monolithic Power System...
MP2603 MPS-MP2603 Datasheet
342Kb / 9P
Single-Cell 150mA Linear Li-Ion Battery Charger
logo
Linear Technology
LTC1729 LINER-LTC1729_15 Datasheet
231Kb / 16P
Li-Ion Battery Charger Termination Controllers
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com