Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4559P Datasheet(PDF) 14 Page - ACE Technology Co., LTD.

Part # ACE4559P
Description  150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4559P Datasheet(HTML) 14 Page - ACE Technology Co., LTD.

Back Button ACE4559P Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 15Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ACE4559P
150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
14
Packing Information
TDFN1*1-6
Symbol
Dimensions In Millimeters
Dimensions In Inches
MIN
NOM
MAX
MIN
NOM
MAX
A
0.320
0.400
0.013
0.016
A1
0.000
0.020
0.050
0.000
0.001
0.002
A3
0.100REF
0.004REF
D
0.950
1.000
1.050
0.037
0.039
0.041
E
0.950
1.000
1.050
0.037
0.039
0.041
K
0.150MIN
0.006MIN
b
0.120
0.175
0.230
0.005
0.007
0.009
e
0.350TYP
0.014TYP
L
0.350
0.400
0.450
0.014
0.016
0.018
L1
0.350
0.400
0.450
0.014
0.016
0.018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com