Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4559P Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4559P
Description  150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4559P Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4559P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ACE4559P
150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
3
Pin Description
Ordering information
ACE4559P XX XX + H
PIN NO
Pin Name
I/O
Function
1
BAT
O
Charge Current Output. Provides charge current to the battery and
regulates the final float voltage to 4.2V or 4.35V.
2
NC
3
CHGb
O
Open-Drain Charge Status Output. When the battery is charging,
the CHGb pin is pulled low. When the charge cycle is completed or
VCC is removed, the CHGb is forced high impedance.
4
GND
Ground
Ground
5
PROG
O
Charge current setting, charge current monitor. The charging
current is given by IBAT= 100/RPROG(A). Please choose 1%
precision resistor for RPROG.
For fixed charge current part, this pin is no bonding wire.
6
VCC
Power
Power Supply
Pb - free
Halogen - free
DF:TDFN1*1-6
42:4.2V
435:4.35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com