Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4559P Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE4559P
Description  150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4559P Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE4559P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4559P Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ACE4559P
150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
10
Operation Information
The ACE4559P is a single cell Li-Ion and Li-Pol battery linear charger using a constant-current /
constant-voltage algorithm. It is designed specially for small capacity battery that is used in handheld
devices, such as GPS tracker, Smart wrist and U-Key. It can deliver up to 150mA of charge current (using
a good thermal PCB layout) with a final float voltage accuracy of ±1%. The ACE4559P includes an
internal P-channel power MOSFET and current regulation circuitry. No blocking diode or external current
sense resistor is required, thus the basic charger circuit requires only two external components.
Furthermore, the ACE4559P is capable of operating from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC pin rises above the UVLO threshold level and a 1%
program resistor is connected from the PROG pin to ground or when a battery is connected to the charger
output. If the BAT pin is less than 2.9V, the charger enters trickle charge mode. In this mode, the
ACE4559P supplies approximately 1/10 the programmed charge current to bring the battery voltage up to
a safe level for full current charging.
When the BAT pin voltage rises above 2.9V, the charger enters constant-current mode, where the
programmed charge current is supplied to the battery. When the BAT pin approaches the final float
voltage, the ACE4559P enters constant-voltage mode and the charge current begins to decrease. The
charge cycle ends when the PROG voltage is less than 100mV.
Programming Charge Current
The charge current is programmed using a single resistor from the PROG pin to ground. The battery
charge current of constant current mode is 100 times the current out of the PROG pin. The program
resistor and the charge current of constant current are calculated using the following equations:
IBAT = 100 / RPROG (A)
For example, IBAT=0.1A, RPROG
=1KΩ, I
BAT=0.02A, RPROG=5K
Ω. Please choose 1% precision resistor for
RPROG, this will effect the accuracy of CC charge current and termination current.
Charge Termination
A charge cycle is terminated when the charge current falls to 1/10 of the programmed value after the final
float voltage is reached. This condition is detected by using an internal, filtered comparator to monitor the
PROG pin. When the PROG pin voltage falls below 100mV for longer than TTERM (typically 1ms), charging
is terminated. The charge current is latched off and the ACE4559P enters standby mode, where the input
supply current drops to 70uA. (Note: 1/10 CC termination is disabled in trickle charging mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com