Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDM1001A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STHDM1001A
Description  3.3V, High Bandwith, 2-to-1 High Definition Multimedia Interface (HDMI) Switch with Single Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDM1001A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STHDM1001A Datasheet HTML 2Page - STMicroelectronics STHDM1001A Datasheet HTML 3Page - STMicroelectronics STHDM1001A Datasheet HTML 4Page - STMicroelectronics STHDM1001A Datasheet HTML 5Page - STMicroelectronics STHDM1001A Datasheet HTML 6Page - STMicroelectronics STHDM1001A Datasheet HTML 7Page - STMicroelectronics STHDM1001A Datasheet HTML 8Page - STMicroelectronics STHDM1001A Datasheet HTML 9Page - STMicroelectronics STHDM1001A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2 Maximum Rating
STHDMI001A
6/17
2
Maximum Rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of this
specification is not implied. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
Table 3.
Absolute Maximum Ratings
Note:
Absolute maximum ratings are those values above which damage to the device may occur.
Functional operation under these conditions is not implied. All voltages are referenced to GND.
In accordance with the IEC61000-4-2, Level 4 standards.
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
VCC
Supply Voltage to Ground
–0.5 to + 4.0
V
VS
DC Input Voltage
–0.5 to + 4.0
V
VIC
DC Control Input Voltage
–0.5 to + 4.0
V
IO
DC Output Voltage
120
mA
TSTG
Storage Temperature
–65 to 150
°C
TL
Lead Temperature (10sec)
300
°C
VESD
Electrostatic Discharge Voltage on HDMI Connector
Pins 1
150
mJ
Symbol
Description
Value
Unit
RthJA
Thermal Resistance Junction-ambient
59
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com