Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDM1001A Datasheet(PDF) 14 Page - STMicroelectronics

Part # STHDM1001A
Description  3.3V, High Bandwith, 2-to-1 High Definition Multimedia Interface (HDMI) Switch with Single Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDM1001A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STHDM1001A Datasheet HTML 9Page - STMicroelectronics STHDM1001A Datasheet HTML 10Page - STMicroelectronics STHDM1001A Datasheet HTML 11Page - STMicroelectronics STHDM1001A Datasheet HTML 12Page - STMicroelectronics STHDM1001A Datasheet HTML 13Page - STMicroelectronics STHDM1001A Datasheet HTML 14Page - STMicroelectronics STHDM1001A Datasheet HTML 15Page - STMicroelectronics STHDM1001A Datasheet HTML 16Page - STMicroelectronics STHDM1001A Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
6 Mechanical Data (Body 48L Pitch 0.5mm)
STHDMI001A
14/17
6
Mechanical Data (Body 48L Pitch 0.5mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second Level Interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com