Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDM1001A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STHDM1001A
Description  3.3V, High Bandwith, 2-to-1 High Definition Multimedia Interface (HDMI) Switch with Single Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDM1001A Datasheet(HTML) 4 Page - STMicroelectronics

  STHDM1001A Datasheet HTML 1Page - STMicroelectronics STHDM1001A Datasheet HTML 2Page - STMicroelectronics STHDM1001A Datasheet HTML 3Page - STMicroelectronics STHDM1001A Datasheet HTML 4Page - STMicroelectronics STHDM1001A Datasheet HTML 5Page - STMicroelectronics STHDM1001A Datasheet HTML 6Page - STMicroelectronics STHDM1001A Datasheet HTML 7Page - STMicroelectronics STHDM1001A Datasheet HTML 8Page - STMicroelectronics STHDM1001A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
1 Summary Description
STHDMI001A
4/17
Table 1.
Pin Description
Pin Number
Pin Name
Type
Function
1
GND
Power
Ground
2
GND
Power
Ground
3
VCC
Power
Supply Voltage (3.3V ± 10%)
4
GND
Power
Ground
5
Data0+
Output
TMDS Data0+ Output
6
Data0–
Output
TMDS Data0–– Output
7
VCC
Power
Supply Voltage (3.3V ± 10%)
8
GND
Power
Ground
9
Data1+
Output
TMDS Data1+ Output
10
Data1–
Output
TMDS Data1– Output
11
GND
Power
Ground
12
VCC
Power
Supply Voltage (3.3V ± 10%)
13
Data2+
Output
TMDS Data2+ Output
14
Data2–
Output
TMDS Data2– Output
15
GND
Power
Ground
16
Clock+
Output
TMDS Clock+ Output
17
Clock–
Output
TMDS Clock– Output
18
GND
Power
Ground
19
SEL
Input
Selector Control input to select port A or port B
20
VCC
Power
Supply Voltage (3.3V ± 10%)
21
GND
Power
Ground
22, 23
NC
Not Connected
24
GND
Power
Ground
25
VCC
Power
Supply Voltage (3.3V ± 10%)
26
GND
Power
Ground
27
BClock–
Input
TMDS Clock– for port B
28
BClock+
Input
TMDS Clock+ for port B
29
AClock–
Input
TMDS Clock– for port A
30
AClock+
Input
TMDS Clock+ for port A
31
GND
Power
Ground
32
B2–
Input
TMDS Data2– for port B
33
B2+
Input
TMDS Data2+ for port B
34
A2–
Input
TMDS Data2– for port A
35
A2+
Input
TMDS Data2+ for port A
36
VCC
Power
Supply Voltage (3.3V ± 10%)
37
GND
Power
Ground
38
B1–
Input
TMDS Data1– for port B
39
B1+
Input
TMDS Data1+ for port B
40
A1–
Input
TMDS Data1– for port A
41
A1+
Input
TMDS Data1+ for port A
42
GND
Power
Ground
43
B0–
Input
TMDS Data0– for port B
44
B0+
Input
TMDS Data0+ for port B
45
A0–
Input
TMDS Data0– for port A
46
A0+
Input
TMDS Data0+ for port A
47
GND
Power
Ground
48
VCC
Power
Supply Voltage (3.3V ± 10%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com