Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDM1001A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STHDM1001A
Description  3.3V, High Bandwith, 2-to-1 High Definition Multimedia Interface (HDMI) Switch with Single Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDM1001A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STHDM1001A Datasheet HTML 6Page - STMicroelectronics STHDM1001A Datasheet HTML 7Page - STMicroelectronics STHDM1001A Datasheet HTML 8Page - STMicroelectronics STHDM1001A Datasheet HTML 9Page - STMicroelectronics STHDM1001A Datasheet HTML 10Page - STMicroelectronics STHDM1001A Datasheet HTML 11Page - STMicroelectronics STHDM1001A Datasheet HTML 12Page - STMicroelectronics STHDM1001A Datasheet HTML 13Page - STMicroelectronics STHDM1001A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
4 Dynamic Characteristics
STHDMI001A
10/17
Table 9.
Dynamic Switching Characteristics
Note:
4. x = Data0+, Data0–, Data1+, Data1–, Data2+, Data2–, Clock+, Clock–.
X0 = A0+, A0–, A1+, A1–, A2+, A2–, AClock+, AClock–
X1 = B0+, B0–, B1+, B1–, B2+, B2–, BClock+, BClock–
Note:
Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 3.3V ± 10% (except where
noted).
4.1
Timing Characteristics
Figure 4.
Enable and Disable Timings
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tPLH, tPHL Propagation Delay
VCC = 3V to 3.6V
0.25
ns
tPZH, tPZL Line Enable Time, SEL to x
to x0 or x to x1, Note:4
VCC = 3V to 3.6V
0.5
6.5
9
ns
tPHZ, tPLZ Line Disable Time, SEL to x
to x0 or x to x1, Note:4
VCC = 3V to 3.6V
0.5
6.5
8.5
ns
tSK(0)
Output skew between
center port to any other port
VCC = 3V to 3.6V
0.1
0.2
ns
tSK(P)
Skew between opposite
transition of the same
output (tPHL - tPLH)
VCC = 3V to 3.6V
0.1
0.2
ns
tON
Propagation Delay
VCC = 3V to 3.6V
50
ns
tOFF
Propagation Delay
VCC = 3V to 3.6V
30
ns
Output
SEL
Output
V
CC /2
VCC/2
t
PZL
1.25V
t
PZH
1.25V
2.5V
0V
VOH
V
OL
VOH
V
OL
V
OH –0 .3
VOL + 0.3
t
PLZ
t
PH Z
Output
SEL
Output
V
CC /2
VCC/2
t
PZL
1.25V
t
PZH
1.25V
2.5V
0V
VOH
V
OL
VOH
V
OL
V
OH –0 .3
VOL + 0.3
t
PLZ
t
PH Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com