Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDM1001A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STHDM1001A
Description  3.3V, High Bandwith, 2-to-1 High Definition Multimedia Interface (HDMI) Switch with Single Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDM1001A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STHDM1001A Datasheet HTML 7Page - STMicroelectronics STHDM1001A Datasheet HTML 8Page - STMicroelectronics STHDM1001A Datasheet HTML 9Page - STMicroelectronics STHDM1001A Datasheet HTML 10Page - STMicroelectronics STHDM1001A Datasheet HTML 11Page - STMicroelectronics STHDM1001A Datasheet HTML 12Page - STMicroelectronics STHDM1001A Datasheet HTML 13Page - STMicroelectronics STHDM1001A Datasheet HTML 14Page - STMicroelectronics STHDM1001A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STHDMI001A
4 Dynamic Characteristics
11/17
Figure 5.
Output Skew
Figure 6.
Propagation Delay Timings
Data Out at Port A
2.5V
t
PLHX
t
PHLX
Data In
Data Out at Port B
t
PLHY
t
SK (o)
3.5V
2.5V
1.5V
V
OH
V
OL
2.5V
VOH
2.5V
V
OL
t
PHLY
t
SK (o) = | tPLHy
–t
PLHx
| or | t
PHLy
–t
PHLx
|
Data Out at Port A
2.5V
t
PLHX
t
PHLX
Data In
Data Out at Port B
t
PLHY
t
SK (o)
3.5V
2.5V
1.5V
V
OH
V
OL
2.5V
VOH
2.5V
V
OL
t
PHLY
t
SK (o) = | tPLHy
–t
PLHx
| or | t
PHLy
–t
PHLx
|
Input
O
utput
2.5V
2.5V
3.5V
2.5V
2.5V
t
P
LH
t
PH
L
V
O
L
V
O
H
1.5V
Input
O
utput
2.5V
2.5V
3.5V
2.5V
2.5V
t
P
LH
t
PH
L
V
O
L
V
O
H
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com