Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3-PHASE Datasheet(PDF) 2 Page - International Rectifier

Part # MTP3-PHASE
Description  THREE PHASE BRIDGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTP3-PHASE Datasheet(HTML) 2 Page - International Rectifier

  MTP3-PHASE Datasheet HTML 1Page - International Rectifier MTP3-PHASE Datasheet HTML 2Page - International Rectifier MTP3-PHASE Datasheet HTML 3Page - International Rectifier MTP3-PHASE Datasheet HTML 4Page - International Rectifier MTP3-PHASE Datasheet HTML 5Page - International Rectifier MTP3-PHASE Datasheet HTML 6Page - International Rectifier MTP3-PHASE Datasheet HTML 7Page - International Rectifier MTP3-PHASE Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP 3-Phase Rectifier Series
2
Bulletin I27145 rev. B 06/02
www.irf.com
I
O
Maximum DC output current
45
75
100
A
120° Rect conduction angle
@ Case temperature
100
80
80
°C
I
FSM
Maximum peak, one-cycle
270
380
450
A
t = 10ms
No voltage
forward, non-repetitive
280
398
470
t = 8.3ms
reapplied
on state surge current
225
320
380
t = 10ms
100% V
RRM
240
335
400
t = 8.3ms
reapplied
Initial
I2t
Maximum I2 t for fusing
365
724
1013
A2s
t = 10ms
No voltage
T
J = TJ max.
325
660
920
t = 8.3ms
reapplied
253
512
600
t = 10ms
100% V
RRM
240
467
665
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
3650
7240
10130
A2
√s
t = 0.1 to 10ms, no voltage reapplied
VF(TO) Value of threshold voltage
0.78
0.82
0.75
V
@ T
J max.
rt
Slope resistance
14.8
9.5
8.1
m
V
FM
Maximum forward voltage drop
1.45
1.45
1.51
V
T
J = 25°C
Ipk = 40A Ipk = 70A Ipk = 100A
tp = 400µs single junction
Forward Conduction
V
INS
RMS insulation voltage
3500
V
T
J = 25
o
C all terminal shorted
f = 50Hz, t = 1s
Insulation Table
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Parameter
40MT
70MT
100MT
Units Conditions
Voltage
V
RRM, maximum
V
RSM, maximum
I
RRM max.
Type number
Code
repetitive peak
non-repetitive peak
@ T
J = 150°C
reverse voltage
reverse voltage
VV
VmA
40-70-100MT140P
140
1400
1500
5
40-70-100MT160P
160
1600
1700
Parameter
40MT
70MT
100MT
Units Conditions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com