Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3-PHASE Datasheet(PDF) 3 Page - International Rectifier

Part # MTP3-PHASE
Description  THREE PHASE BRIDGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTP3-PHASE Datasheet(HTML) 3 Page - International Rectifier

  MTP3-PHASE Datasheet HTML 1Page - International Rectifier MTP3-PHASE Datasheet HTML 2Page - International Rectifier MTP3-PHASE Datasheet HTML 3Page - International Rectifier MTP3-PHASE Datasheet HTML 4Page - International Rectifier MTP3-PHASE Datasheet HTML 5Page - International Rectifier MTP3-PHASE Datasheet HTML 6Page - International Rectifier MTP3-PHASE Datasheet HTML 7Page - International Rectifier MTP3-PHASE Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTP 3-Phase Rectifier Series
3
Bulletin I27145 rev. B 06/02
www.irf.com
Clearance (external shortest distance in air between terminals which
are not internally short circuited together)
Creepage distance (shortest distance along external surface of the
insulating material between terminals which are not internally short
circuited together)
Thermal and Mechanical Specifications
T
J
Maximum junction operating
- 40 to 150
°C
temperature range
T
stg
Maximum storage temperature
-40 to 125
°C
range
RthJC
Maximum thermal resistance,
0.27
0.23
0.19
K/W
DC operation per module
junction to case
1.6
1.38
1.14
DC operation per junction
0.38
0.29
0.22
120° Rect condunction angle per module
2.25
1.76
1.29
120° Rect condunction angle per junction
RthCS
Maximum thermal resistance,
0.1
K/W
case to heatsink
T
Mounting torque ± 10%
4
Nm
to heatsink
wt
Approximate weight
65
g
A mounting compound is recommended and the
torque should be rechecked after a period of 3
hours to allow for the spread of the compound.
Lubricated threads.
Per module.
Mounting surface smooth, flat and greased.
Heatsink compound thermal conductivity = 0.42W/mK
1
2
3
1
- Current rating code
2
- Circuit configuration code: 0 = 3-Phase Rectifier Bridge
3
- Essential part number
4
- Voltage code: code x 10 = V
RRM (See Voltage Ratings table)
5
- Pinout code:
4
Device Code
Ordering Information Table
10
0
MT 160
P
B
5
A = Flat pins
B = Round pins
Parameter
40MT
70MT
100MT
Units Conditions
4= 45A
7= 75A
10 = 100A
Clearance and Creepage Distances
Parameter
MT...PA
MT...PB
Units
10.9
12.3
mm
10.9
12.3
mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com