Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3-PHASE Datasheet(PDF) 1 Page - International Rectifier

Part # MTP3-PHASE
Description  THREE PHASE BRIDGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTP3-PHASE Datasheet(HTML) 1 Page - International Rectifier

  MTP3-PHASE Datasheet HTML 1Page - International Rectifier MTP3-PHASE Datasheet HTML 2Page - International Rectifier MTP3-PHASE Datasheet HTML 3Page - International Rectifier MTP3-PHASE Datasheet HTML 4Page - International Rectifier MTP3-PHASE Datasheet HTML 5Page - International Rectifier MTP3-PHASE Datasheet HTML 6Page - International Rectifier MTP3-PHASE Datasheet HTML 7Page - International Rectifier MTP3-PHASE Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
45 A
75 A
100 A
THREE PHASE BRIDGE
Bulletin I27145 rev. B 06/02
1
MTP 3-Phase
Rectifier Series
Power Module
I
O
45
75
100
A
@ T
C
100
80
80
°C
I
FSM
@50Hz
270
380
450
A
@60Hz
280
398
470
I2t
@50Hz
365
724
1013
A2s
@60Hz
325
660
920
I2
√t
3650
7240
10130
A2
√s
V
RRM
1400 & 1600
V
TSTG range
- 40 to 125
°C
T
J
range
- 40 to 150
Major Ratings and Characteristics
Features
Low V
F
Low profile package
Direct Mounting to heatsink
Flat-Pin/ Round-Pin versions with PCB solderable terminals
Low junction-to-case Thermal Resistance
3500 V
RMS insulation voltage
UL approval pending
Parameters
40MT 70MT 100MT
Units
www.irf.com
MT...PB
Applications: Power conversion machines
Welding
UPS
SMPS
Motor Drives
General Purpose & Heavy Duty Applications
Description
A range of extremely compact three-phase rectifier bridges
offering efficient and reliable operation.
The low profile package has been specifically conceived to
maximize space saving and optimize the electrical layout of
the application specific Power Supplies.
MT...PA


Similar Part No. - MTP3-PHASE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTP3 VISHAY-MTP3 Datasheet
145Kb / 8P
Three Phase Bridge (Power Module) 45 A to 100 A
13-Aug-08
logo
Nell Semiconductor Co.,...
MTP30 NELLSEMI-MTP30 Datasheet
1Mb / 3P
Glass Passivated Three-Phase Bridge Rectifier, 30A
MTP30 NELLSEMI-MTP30 Datasheet
615Kb / 3P
Glass Passivated Three-Phase Bridge Rectifier
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
High surge current capability
MTP300 NELLSEMI-MTP300 Datasheet
669Kb / 3P
Three-Phase Bridge Rectifier
More results

Similar Description - MTP3-PHASE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MT IRF-26MT Datasheet
75Kb / 6P
THREE PHASE BRIDGE
130MT IRF-130MT Datasheet
94Kb / 7P
THREE PHASE BRIDGE
200MT40KB IRF-200MT40KB Datasheet
75Kb / 6P
THREE PHASE BRIDGE
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
THREE PHASE BRIDGE
60MT80KB IRF-60MT80KB Datasheet
95Kb / 7P
THREE PHASE BRIDGE
logo
Solid States Devices, I...
RA0010 SSDI-RA0010 Datasheet
54Kb / 2P
THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-36MT160 VISHAY-VS-36MT160_15 Datasheet
173Kb / 8P
Three Phase Bridge
09-Apr-15
VS-70MT80KPBF VISHAY-VS-70MT80KPBF Datasheet
189Kb / 7P
Three Phase Bridge
27-Feb-14
VS-100MT160PBPBF VISHAY-VS-100MT160PBPBF Datasheet
130Kb / 8P
Three Phase Bridge
16-Jul-14
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
Three Phase Bridge
03-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com