Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3-PHASE Datasheet(PDF) 7 Page - International Rectifier

Part # MTP3-PHASE
Description  THREE PHASE BRIDGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTP3-PHASE Datasheet(HTML) 7 Page - International Rectifier

  MTP3-PHASE Datasheet HTML 1Page - International Rectifier MTP3-PHASE Datasheet HTML 2Page - International Rectifier MTP3-PHASE Datasheet HTML 3Page - International Rectifier MTP3-PHASE Datasheet HTML 4Page - International Rectifier MTP3-PHASE Datasheet HTML 5Page - International Rectifier MTP3-PHASE Datasheet HTML 6Page - International Rectifier MTP3-PHASE Datasheet HTML 7Page - International Rectifier MTP3-PHASE Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MTP 3-Phase Rectifier Series
7
Bulletin I27145 rev. B 06/02
www.irf.com
Fig. 11 - Current Rating Characteristics
Fig. 12 - On-state Voltage Drop Characteristics
Fig. 13 - Maximum Non-Repetitive Surge Current
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Current Rating Nomogram (1 Module Per Heatsink)
Total Output Current (A)
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Instantaneous On-state Voltage (V)
Pulse Train Duration(s)
Maximum Allowable Ambient Temperature (°C)
Total Output Current (A)
0
30
60
90
120
150
0.05
K/W
RthSA
=
0.025
K/W
- Delta
R
0.5
K/W
1 K/W
0.3
K/W
0.2
K/W
0.1
K/W
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
4
Tj = 150˚C
Tj = 25˚C
100MT...P
100
150
200
250
300
350
400
1
10
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 125˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
100MT...P
Per Junction
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Initial T j = 125˚C
No Voltage Reapplied
Rated V rrm Reapplied
Of Conduction May Not Be Maintained.
100MT...P
Per Junction
0
100
200
300
400
500
0
20
406080
100
120˚
(Rect)
Tj = 150˚C
100MT...P
40
60
80
100
120
140
40 50 60 70 80 90 100 110 120 130
120˚
(Rect)
Per Module
100MT...P
R
(DC) = 0.19 K/W
thJC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com