Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3-PHASE Datasheet(PDF) 6 Page - International Rectifier

Part # MTP3-PHASE
Description  THREE PHASE BRIDGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTP3-PHASE Datasheet(HTML) 6 Page - International Rectifier

  MTP3-PHASE Datasheet HTML 1Page - International Rectifier MTP3-PHASE Datasheet HTML 2Page - International Rectifier MTP3-PHASE Datasheet HTML 3Page - International Rectifier MTP3-PHASE Datasheet HTML 4Page - International Rectifier MTP3-PHASE Datasheet HTML 5Page - International Rectifier MTP3-PHASE Datasheet HTML 6Page - International Rectifier MTP3-PHASE Datasheet HTML 7Page - International Rectifier MTP3-PHASE Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTP 3-Phase Rectifier Series
6
Bulletin I27145 rev. B 06/02
www.irf.com
Fig. 6 - Current Rating Characteristics
Fig. 8 - Maximum Non-Repetitive Surge Current
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Current Rating Nomogram (1 Module Per Heatsink)
Total Output Current (A)
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Instantaneous On-state Voltage (V)
Pulse Train Duration(s)
Maximum Allowable Ambient Temperature (°C)
Total Output Current (A)
Fig. 7 - On-state Voltage Drop Characteristics
1
10
100
1000
01
2345
Tj = 150˚C
Tj = 25˚C
70MT...P
100
150
200
250
300
350
1
10
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
70MT...P
Per Junction
50
100
150
200
250
300
350
400
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T j = 150˚C
No Voltage Reapplied
Rated V rrm Reapplied
70MT...P
Per Junction
0
30
60
90
120
150
0.3
K/W
0.4
K/W
0.5
K/W
1 K/W
0.2
K/W
0
50
100
150
200
250
300
020
40
60
80
120˚
(Rect)
Tj = 150˚C
70MT...P
60
70
80
90
100
110
120
130
140
150
160
0
10
203040
5060
7080
120˚
(Rect)
70MT...P
R
(DC) = 0.23 K/W
Per Module
thJC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com