Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD39208 Datasheet(PDF) 2 Page - Microchip Technology

Part # PD39208
Description  PoE PSE Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39208 Datasheet(HTML) 2 Page - Microchip Technology

  PD39208 Datasheet HTML 1Page - Microchip Technology PD39208 Datasheet HTML 2Page - Microchip Technology PD39208 Datasheet HTML 3Page - Microchip Technology PD39208 Datasheet HTML 4Page - Microchip Technology PD39208 Datasheet HTML 5Page - Microchip Technology PD39208 Datasheet HTML 6Page - Microchip Technology PD39208 Datasheet HTML 7Page - Microchip Technology PD39208 Datasheet HTML 8Page - Microchip Technology PD39208 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PoE Manager Features
• Optimized for use with PD39210 PSE controller
• Supports any Microchip PD692x0 controller
• Drives 2-pair power ports
• Single DC voltage input
• Built-in 3.3 V and 5 V regulators
• Over-temperature protection and thermal monitoring
• Low-power dissipation
• Industrial temperature range: –40 °C to 85 °C
• MSL3, RoHS compliant
Chipset Features
• Complies with IEEE 802.3af/at
• Cascade up to 6 PoE devices for 48 logical ports
• Advance system power management
• Emergency power management supporting 16
configurable power banks
• Continuous port monitoring and status
• Supports Fast and Perpetual PoE
• Supports pre-standard PD detection
• LED stream support
• Configurable load current setting
• Field upgradable
Applications
• PoE switches/routers/midspans
• Industrial automation
• Video recorders (NVR/DVR)
PD39208
© 2020 Microchip Technology Inc.
Datasheet
DS00003555B-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com