Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD39208 Datasheet(PDF) 17 Page - Microchip Technology

Part # PD39208
Description  PoE PSE Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39208 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PD39208 Datasheet HTML 13Page - Microchip Technology PD39208 Datasheet HTML 14Page - Microchip Technology PD39208 Datasheet HTML 15Page - Microchip Technology PD39208 Datasheet HTML 16Page - Microchip Technology PD39208 Datasheet HTML 17Page - Microchip Technology PD39208 Datasheet HTML 18Page - Microchip Technology PD39208 Datasheet HTML 19Page - Microchip Technology PD39208 Datasheet HTML 20Page - Microchip Technology PD39208 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
4.12
Port Matrix Control
Port matrix control enables layout designers to ascribe each physical port in the system to a logical port if required.
4.13
Power Good Interrupt
Interrupt from power supply directly to the manager. For systems comprising more than a single power supply, in
case one power supply fails, a port shutdown mechanism is executed to maintain operation and prevent the collapse
of other power supplies.
When a function is used, PGD0, PGD1, PGD2, and PGD3 should be connected to the main power supplies status
indication pin. Any change of at least 1 µs on these lines triggers a pre-defined disconnection matrix. This matrix is
defined by the PSE controller system power parameters. The port shutdown function reacts within 2 µs to any power
good event.
4.14
Power Sequencing
Figure 4-2. Power Sequencing
For proper operation, ensure that VMAIN is always the highest voltage connected to the IC.
With an external 5 V and/or 3.3 V supply:
• Vaux5 pin voltage should never be above VMAIN pin voltage.
• Vaux3p3 pin voltage should never be above Vaux5 pin voltage.
• The maximum 3.3 V slew rate is 100 ms.
• Td1: VMAIN should be raised before or at the same time as 5 V.
• Td2: 5 V should be raised before or at the same time as 3.3 V.
• Td3: 3.3 V should be dropped before or at the same time as 5 V.
• Td4: 5 V should be dropped before or at the same time as VMAIN.
For details about PD39208 5 V and 3.3 V power supply connection options, see AN3615 Designing an IEEE
®
802.3af/at PoE System Based on PD39210 + PD39208 Chipset.
4.15
Ground
The digital ground and analog ground should be tied together on the board in a single point only for the entire system.
PD39208
Application Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003555B-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com