Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD39208 Datasheet(PDF) 11 Page - Microchip Technology

Part # PD39208
Description  PoE PSE Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39208 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PD39208 Datasheet HTML 7Page - Microchip Technology PD39208 Datasheet HTML 8Page - Microchip Technology PD39208 Datasheet HTML 9Page - Microchip Technology PD39208 Datasheet HTML 10Page - Microchip Technology PD39208 Datasheet HTML 11Page - Microchip Technology PD39208 Datasheet HTML 12Page - Microchip Technology PD39208 Datasheet HTML 13Page - Microchip Technology PD39208 Datasheet HTML 14Page - Microchip Technology PD39208 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
...........continued
Symbol
Parameter
Conditions
Min Typ Max Units
VVALID
Detection voltage
VMAIN–VPORT_NEGx, for IEEE 802.3
compliant signature resistance
(RSIG <33 K)
9.3
V
ISC
Short circuit current
VMAIN–VPORT_NEGx = 0 V
388 408 µA
RSIG_LOW Minimum valid detection resistance
15
19
kΩ
RSIG_HIGH Maximum valid detection resistance
26.5
33
kΩ
2.12
Classification
Table 2-12. Classification
Symbol
Parameter
Conditions
Min Typ Max Units
VCLASS
Class event output voltage
VMAIN–VPORT_NEGx; 0 mA ≤ IPORT ≤ 50 mA
15.5 18
20.5 V
VMARK
Mark event output voltage
VMAIN–VPORT_NEGx; 0.1 mA ≤ IPORT ≤ 5 mA
7
8.5 10
V
ICLASS_LIM Class event current limitation
VMAIN–VPORT_NEGx = 0 V
51
70
100 mA
IMARK_ LIM Mark event current limitation
VMAIN–VPORT_NEGx = 0 V
51
70
100 mA
Classification current thresholds
Class 0
0
5
mA
Class 1
8
13
mA
Class 2
16
21
mA
Class 3
25
31
mA
Class 4
35
45
mA
Class Error
51
100 mA
PD39208
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003555B-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com