Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD39208 Datasheet(PDF) 14 Page - Microchip Technology

Part # PD39208
Description  PoE PSE Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39208 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PD39208 Datasheet HTML 10Page - Microchip Technology PD39208 Datasheet HTML 11Page - Microchip Technology PD39208 Datasheet HTML 12Page - Microchip Technology PD39208 Datasheet HTML 13Page - Microchip Technology PD39208 Datasheet HTML 14Page - Microchip Technology PD39208 Datasheet HTML 15Page - Microchip Technology PD39208 Datasheet HTML 16Page - Microchip Technology PD39208 Datasheet HTML 17Page - Microchip Technology PD39208 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
...........continued
Pin
Designator
Type
Description
24
IREF
Analog input
Reference resistor pin. Connect a 28.7 kΩ 1%
resistor to AGND.
25
TRIM
Test input
Test input pin. Keep connected to VAUX3P3.
30,31
VPORT_NEG4
Analog I/O
Negative port 4 output.
33,34
VPORT_NEG5
Analog I/O
Negative port 5 output.
36,37
VPORT_NEG6
Analog I/O
Negative port 6 output.
39,40
VPORT_NEG7
Analog I/O
Negative port 7 output.
41
PGD1
Digital input
Power good input from the system power supply.
42
DGND
Power
Digital ground.
43
DVDD
Power in
Regulated 3.3 V for digital circuitry. Connect
voltage from pin VAUX3P3 or from external power
supply source if used. A 1 µF or higher filtering
capacitor should be connected between this pin
and DGND.
44
RESET_N
Digital input
Reset input - active low (0 = reset). An external 10
kΩ pull-up resistor should be connected between
this pin and DVDD.
46
PGD2
Digital input
Power good input from the system power supply.
47
PGD3
Digital input
Power good input from the system power supply.
48
ADDR0
Digital input
SPI address bit 0 to set chip address.
49
ADDR1
Digital input
SPI address bit 1 to set chip address.
50
ADDR2
Digital input
SPI address bit 2 to set chip address.
51
ADDR3
Digital input
SPI address bit 3 to set chip address.
52
CS_N
Digital input
SPI bus, chip select.
53
SCK
Digital input
SPI bus, serial clock input.
54
MOSI
Digital input
SPI bus, master data out/slave in.
55
MISO
Digital output
SPI bus, master data in/slave out.
56
PGD0
Digital input
Power good input from the system power supply.
An adequate ground plane on a bottom or top layer is required for adequate thermal performance. See Designing an
IEEE 802.3af/at PoE System Based on PD39208/PD39210 for additional details.
PD39208
Pins
© 2020 Microchip Technology Inc.
Datasheet
DS00003555B-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com