Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD39208 Datasheet(PDF) 13 Page - Microchip Technology

Part # PD39208
Description  PoE PSE Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39208 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PD39208 Datasheet HTML 9Page - Microchip Technology PD39208 Datasheet HTML 10Page - Microchip Technology PD39208 Datasheet HTML 11Page - Microchip Technology PD39208 Datasheet HTML 12Page - Microchip Technology PD39208 Datasheet HTML 13Page - Microchip Technology PD39208 Datasheet HTML 14Page - Microchip Technology PD39208 Datasheet HTML 15Page - Microchip Technology PD39208 Datasheet HTML 16Page - Microchip Technology PD39208 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
3.2
Pin Descriptions
The following table describes the functional pins of the PD39208 manager.
Table 3-1. Pin Descriptions
Pin
Designator
Type
Description
EPAD
Exposed PAD. Connect to analog ground. GND
must have sufficient copper mass on bottom or
top layer to ensure adequate thermal
performance.
1,18,45
N.C.
N/A
Not connected. Leave floating.
2
TST
Digital input
Test pin for production use only. Connect to
DGND.
3,4
VPORT_NEG0
Analog I/O
Negative port 0 output.
5,8,11,
14,16,
26,27,
29,32,
35,38
RESERVED
N/A
Reserved pin. Do not connect externally.
6,7
VPORT_NEG1
Analog I/O
Negative port 1 output.
9,10
VPORT_NEG2
Analog I/O
Negative port 2 output.
12,13
VPORT_NEG3
Analog I/O
Negative port 3 output.
15,21,28
AGND
Power
Analog ground.
17
VMAIN
Power
Main high voltage supply voltage. A low ESR 1 µF
(or higher) bypass capacitor, connected to AGND,
should be placed as close as possible to this pin
through low resistance traces.
19
DRV_VAUX5
Power
Driven outputs for 5 V external regulation; if
internal regulation is used, connect to pin 20. If an
external NPN is used to regulate the voltage,
connect this pin to Base and connect 4.7 µF
capacitor between this pin and AGND.
20
VAUX5
Power
Powered by regulated 5 V. Connect 4.7 µF or
higher capacitor between this pin and AGND. If an
external NPN is used to regulate the voltage,
connect this pin to the emitter. The collector
should be connected to VMAIN.
22
VAUX3P3
Power
Powered by regulated 3.3 V. A 4.7 µF or higher
filtering capacitor should be connected between
this pin and AGND. When an external 3.3 V
regulator is used, connect it to this pin to supply
the chip.
23
VAUX3P3_INT
Power
Connected to VAUX3P3 (pin 22) if internal 3.3 V
regulator is used. Leave unconnected (Floating) if
external 3.3 V regulator is used.
PD39208
Pins
© 2020 Microchip Technology Inc.
Datasheet
DS00003555B-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com